Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7715MF/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7715MF/NOPB
Description  Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7715MF/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMP7715MF/NOPB Datasheet HTML 6Page - Texas Instruments LMP7715MF/NOPB Datasheet HTML 7Page - Texas Instruments LMP7715MF/NOPB Datasheet HTML 8Page - Texas Instruments LMP7715MF/NOPB Datasheet HTML 9Page - Texas Instruments LMP7715MF/NOPB Datasheet HTML 10Page - Texas Instruments LMP7715MF/NOPB Datasheet HTML 11Page - Texas Instruments LMP7715MF/NOPB Datasheet HTML 12Page - Texas Instruments LMP7715MF/NOPB Datasheet HTML 13Page - Texas Instruments LMP7715MF/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
0
20
40
60
80
100
120
CAPACITIVE LOAD (pF)
0
10
20
30
40
50
60
70
UNDERSHOOT%
OVERSHOOT %
0
10
20
30
40
50
10
100
1000
CAPACITIVE LOAD (pF)
VS = 5V
RL = 10 k:
RL = 600:
RL = 10 M:
-40
-20
0
20
60
80
100
120
40
-60
-40
-20
0
20
60
80
100
120
40
-60
FREQUENCY (Hz)
10k
100k
1M
10M
100M
PHASE
GAIN
RL = 600: 10 k: 10 M:
0
10
20
30
40
50
10
100
1000
CAPACITIVE LOAD (pF)
RL = 10 M:
VS = 2.5V
RL = 10 k:
RL = 600:
1.5
2.5
3.5
4.5
5.5
0
30
60
90
120
150
VS (V)
125°C
25°C
-40°C
RL = 600:
1k
10k
100k
1M
10M
100M
-40
-20
0
20
60
80
100
120
FREQUENCY (Hz)
40
-60
-40
-20
0
20
60
80
100
120
40
-60
CL = 20 pF
CL = 50 pF
CL = 100 pF
GAIN
CL = 100 pF
CL = 50 pF
CL = 20 pF
PHASE
LMP7715, LMP7716, LMP7716Q
SNOSAV0E – MARCH 2006 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise noted: TA = 25°C, VS = 5V, VCM = VS/2.
Output Swing Low vs. Supply Voltage
Open Loop Frequency Response
Figure 29.
Figure 30.
Open Loop Frequency Response
Phase Margin vs. Capacitive Load
Figure 31.
Figure 32.
Phase Margin vs. Capacitive Load
Overshoot and Undershoot vs. Capacitive Load
Figure 33.
Figure 34.
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMP7715 LMP7716 LMP7716Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com