Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7715MF/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7715MF/NOPB
Description  Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7715MF/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LMP7715MF/NOPB Datasheet HTML 14Page - Texas Instruments LMP7715MF/NOPB Datasheet HTML 15Page - Texas Instruments LMP7715MF/NOPB Datasheet HTML 16Page - Texas Instruments LMP7715MF/NOPB Datasheet HTML 17Page - Texas Instruments LMP7715MF/NOPB Datasheet HTML 18Page - Texas Instruments LMP7715MF/NOPB Datasheet HTML 19Page - Texas Instruments LMP7715MF/NOPB Datasheet HTML 20Page - Texas Instruments LMP7715MF/NOPB Datasheet HTML 21Page - Texas Instruments LMP7715MF/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
R1
R2
R3
R4
10 k:
VIN
VOUT
-
V
+
V
-
-
V
+
V
-
= 1 +
R2
R1
R4
R3
+
VOUT
+
-
-
RA
CF
VIN = KI
+
-
IR RADIATION
INTENSITY, I
THERMOPILE
RB
VOUT RA
K(RA + RB)
I =
LMP7715, LMP7716, LMP7716Q
SNOSAV0E – MARCH 2006 – REVISED MARCH 2013
www.ti.com
Figure 56. Thermopile Sensor Interface
PRECISION RECTIFIER
Rectifiers are electrical circuits used for converting AC signals to DC signals. Figure 57 shows a full-wave
precision rectifier. Each operational amplifier used in this circuit has a diode on its output. This means for the
diodes to conduct, the output of the amplifier needs to be positive with respect to ground. If VIN is in its positive
half cycle then only the output of the bottom amplifier will be positive. As a result, the diode on the output of the
bottom amplifier will conduct and the signal will show at the output of the circuit. If VIN is in its negative half cycle
then the output of the top amplifier will be positive, resulting in the diode on the output of the top amplifier
conducting and delivering the signal from the amplifier's output to the circuit's output.
For R2/ R1 ≥ 2, the resistor values can be found by using the equation shown in Figure 57. If R2/ R1 = 1, then R3
should be left open, no resistor needed, and R4 should simply be shorted.
Figure 57. Precision Rectifier
18
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMP7715 LMP7716 LMP7716Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com