Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC79050 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC79050
Description  Simple Lithium-Ion Battery Charger Preliminary Information
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC79050 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC79050 Datasheet HTML 9Page - Micrel Semiconductor MIC79050 Datasheet HTML 10Page - Micrel Semiconductor MIC79050 Datasheet HTML 11Page - Micrel Semiconductor MIC79050 Datasheet HTML 12Page - Micrel Semiconductor MIC79050 Datasheet HTML 13Page - Micrel Semiconductor MIC79050 Datasheet HTML 14Page - Micrel Semiconductor MIC79050 Datasheet HTML 15Page - Micrel Semiconductor MIC79050 Datasheet HTML 16Page - Micrel Semiconductor MIC79050 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
June 2000
13
MIC79050
MIC79050
Micrel
been used by MOSFET manufacturers for years, proving
very reliable and cost effective for the user.
Thermal resistance consists of two main elements,
θ
JC, or
thermal resistance junction to case and
θ
CA, thermal resis-
tance case to ambient (Figure 8).
θ
JC is the resistance from
the die to the leads of the package.
θ
CA is the resistance from
the leads to the ambient air and it includes
θ
CS, thermal
resistance case to sink, and
θ
SA, thermal resistance sink to
ambient. Using the power SOP-8 reduces the
θ
JC dramati-
cally and allows the user to reduce
θ
CA. The total thermal
resistance,
θ
JA, junction to ambient thermal resistance, is the
limiting factor in calculating the maximum power dissipation
capability of the device. Typically, the power SOP-8 has a
θ
JC
of 20
°C/W, this is significantly lower than the standard SOP-
8 which is typically 75
°C/W. θ
CA is reduced because pins 5-
8 can now be soldered directly to a ground plane, which
significantly reduces the case to sink thermal resistance and
sink to ambient thermal resistance.
θ
JA
θ
JC
θ
CA
printed circuit board
ground plane
heat sink area
SOP-8
AMBIENT
Figure 8. Thermal Resistance
The MIC79050 is rated to a maximum junction temperature
of 125
°C. It is important not to exceed this maximum junction
temperature during operation of the device. To prevent this
maximum junction temperature from being exceeded, the
appropriate ground plane heat sink must be used.
Figure 9 shows curves of copper area versus power dissipa-
tion, each trace corresponding to different temperature rises
above ambient. From these curves, the minimum area of
copper necessary for the part to operate safely can be
determined. The maximum allowable temperature rise must
be calculated to determine operation along which curve.
0
100
200
300
400
500
600
700
800
900
0
0.25 0.50 0.75 1.00 1.25 1.50
POWER DISSIPATION (W)
∆T
JA =
Figure 9. Copper Area vs. Power-SOP
Power Dissipation
(∆T
JA)
Where
∆T = T
j(max) – Ta(max)
T
j(max) = 125°C
T
a(max) = maximum ambient operating
temperature
For example, the maximum ambient temperature is 40
°C, the
∆T is determined as follows:
∆T = +125°C – 40°C
∆T = +85°C
Using Figure 9, the minimum amount of required copper can
be determined based on the required power dissipation.
Power dissipation in a linear regulator is calculated as fol-
lows:
P
D = (Vin-Vout)*Iout + Vin*Ignd
For example, using the charging circuit in Figure 7, assume
the input is a fixed 5V and the output is pulled down to 4.2V
at a charge current of 500mA. The power dissipation in the
MIC79050 is calculated as follows:
P
D = (5V – 4.2V)*0.5A + 5V*0.012A
P
D = 0.460W
From Figure 9, the minimum amount of copper required to
operate this application at a
∆T of 85C is less than 50mm2.
Quick Method
Determine the power dissipation requirements for the design
along with the maximum ambient temperature at which the
device will be operated. Refer to Figure 10 , which shows safe
operating curves for 3 different ambient temperatures: +25
°C,
+50
°C and +85°C. From these curves, the minimum amount
of copper can be determined by knowing the maximum power
dissipation required. If the maximum ambient temperature is
+40
°C and the power dissipation is as above, 0.46W, the
curve in Figure 10 shows that the required area of copper is
50mm2.
The
θ
JA of this package is ideally 63°C/W, but it will vary
depending upon the availability of copper ground plane to
which it is attached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com