Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC910 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC910
Description  135MHz Low-Power SOT-23-5 Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC910 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC910 Datasheet HTML 2Page - Micrel Semiconductor MIC910 Datasheet HTML 3Page - Micrel Semiconductor MIC910 Datasheet HTML 4Page - Micrel Semiconductor MIC910 Datasheet HTML 5Page - Micrel Semiconductor MIC910 Datasheet HTML 6Page - Micrel Semiconductor MIC910 Datasheet HTML 7Page - Micrel Semiconductor MIC910 Datasheet HTML 8Page - Micrel Semiconductor MIC910 Datasheet HTML 9Page - Micrel Semiconductor MIC910 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MIC910
Micrel
MIC910
6
June 2000
-50
-40
-30
-20
-10
0
10
20
30
40
50
1
10
100 200
FREQUENCY (MHz)
Closed-Loop
Frequency Response
V
CC = ±2.5V
-50
-40
-30
-20
-10
0
10
20
30
40
50
1
10
100 200
FREQUENCY (MHz)
Closed-Loop
Frequency Response
V
CC = ±5V
-50
-40
-30
-20
-10
0
10
20
30
40
50
-225
-180
-135
-90
-45
0
45
90
135
180
225
1
10
100 200
FREQUENCY (MHz)
Open-Loop
Frequency Response
V
CC = ±5V
R
L=100Ω
No Load
-50
-40
-30
-20
-10
0
10
20
30
40
50
-225
-180
-135
-90
-45
0
45
90
135
180
225
1
10
100 200
FREQUENCY (MHz)
Open-Loop
Frequency Response
V
CC = ±9V
R
L=100Ω
No Load
RF
CL
FET probe
MIC910
50
Ω
Closed-Loop
Frequency Response
Test Circuit
0.1
µF
10
µF
10
µF
VCC
VEE
0
20
40
60
80
100
120
FREQUENCY (Hz)
Voltage
Noise
0
50
100
150
200
250
0
200
400
600
800
1000
LOAD CAPACITANCE (pF)
Positive
Slew Rate
V
CC = ±5V
0
50
100
150
200
250
0
200
400
600
800
1000
LOAD CAPACITANCE (pF)
Negative
Slew Rate
V
CC = ±5V
0
50
100
150
200
250
300
0
200
400
600
800
1000
LOAD CAPACITANCE (pF)
Negative
Slew Rate
V
CC = ±9V
0
50
100
150
200
250
300
0
200
400
600
800
1000
LOAD CAPACITANCE (pF)
Positive
Slew Rate
V
CC = ±9V
0
1
2
3
4
5
FREQUENCY (Hz)
Current
Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com