Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC910 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC910
Description  135MHz Low-Power SOT-23-5 Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC910 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC910 Datasheet HTML 1Page - Micrel Semiconductor MIC910 Datasheet HTML 2Page - Micrel Semiconductor MIC910 Datasheet HTML 3Page - Micrel Semiconductor MIC910 Datasheet HTML 4Page - Micrel Semiconductor MIC910 Datasheet HTML 5Page - Micrel Semiconductor MIC910 Datasheet HTML 6Page - Micrel Semiconductor MIC910 Datasheet HTML 7Page - Micrel Semiconductor MIC910 Datasheet HTML 8Page - Micrel Semiconductor MIC910 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
June 2000
3
MIC910
MIC910
Micrel
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
CM
Input Common-Mode Range
CMRR > 60dB
–7.25
+7.25
V
CMRR
Common-Mode Rejection Ratio
–6.5V < V
CM < 6.5V
70
98
dB
60
dB
A
VOL
Large-Signal Voltage Gain
R
L = 2kΩ, VOUT = ±6V
60
73
dB
V
OUT
Maximum Output Voltage Swing
positive, R
L = 2kΩ
+7.2
+7.4
V
+6.8
V
negative, R
L = 2kΩ
–7.4
–7.2
V
–6.8
V
GBW
Gain-Bandwidth Product
R
L = 1kΩ
135
MHz
SR
Slew Rate
270
V/
µs
I
GND
Short-Circuit Output Current
source
90
mA
sink
32
mA
I
GND
Supply Current
2.5
3.7
mA
4.3
mA
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Note 4.
Exceeding the maximum differential input voltage will damage the input stage and degrade performance (in particular, input bias current is
likely to increase.
Test Circuits
2k
10k
10k
10k
0.1
µF
0.1
µF
0.1
µF
10
µF
50
Ω
50
Ω
50
Ω
0.1
µF
10
µF
All resistors:
1% metal film
Output
Input
Input
VCC
VEE
MIC910
1
2
4
3
5
BNC
BNC
BNC
PSRR vs. Frequency
R2 4k
S2
S1
0.1
µF
10
µF
0.1
µF
10
µF
10pF
10pF
VCC
VEE
MIC910
1
2
4
3
5
BNC
R4 27k
R3 27k
R1
20
Ω
R5
20
Ω
100pF
To
Dynamic
Analyzer
Noise Measurement
0.1
µF
10
µF
0.1
µF
10
µF
VCC
VEE
MIC910
1
2
4
3
5
BNC
R7c 2k
R7b 200
Ω
R7a 100
Ω
Input
R6
5k
R2
5k
R3
200k
R4
250
Ω
R5
5k
Output
R1 5k
BNC
All resistors 1%
VV
R2
R1
R2
R
R4
OUT
ERROR
=+
+
++


1
5
R7
CMRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com