Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE82452-3SA Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # TLE82452-3SA
Description  2 Channel High-Side and Low-Side Linear Solenoid Driver IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE82452-3SA Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button TLE82452-3SA Datasheet HTML 35Page - Infineon Technologies AG TLE82452-3SA Datasheet HTML 36Page - Infineon Technologies AG TLE82452-3SA Datasheet HTML 37Page - Infineon Technologies AG TLE82452-3SA Datasheet HTML 38Page - Infineon Technologies AG TLE82452-3SA Datasheet HTML 39Page - Infineon Technologies AG TLE82452-3SA Datasheet HTML 40Page - Infineon Technologies AG TLE82452-3SA Datasheet HTML 41Page - Infineon Technologies AG TLE82452-3SA Datasheet HTML 42Page - Infineon Technologies AG TLE82452-3SA Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
Data Sheet
39
Rev 1.0, 2015-03-27
-
TLE82452-3SA
Diagnosis Functions
Figure 19
Fault Conditions for High-Side Configuration
10.2
FAULTN pin
The FAULTN pin is an open drain output pin. The FAULTN pins of multiple devices can be connected to form a
“wired AND” circuit. The FAULTN pin can be used to generate an external interrupt to the microcontroller
whenever a fault is detected. The microcontroller must then interrogate the device by the SPI interface to
determine the type of the fault and the faulted channel number.
The FAULTN pin is pulled low when one of following unmasked faults is detected.
•overcurrent
•
overtemperature
•
open load in on state
•
switch bypass in on state
•
RESN pin is in low state
•
EN pin is in low state
•
internal reset is active due to VDDx undervoltage
•
CLK pin signal fault
•
VBAT pin overvoltage
•
LSUPx pin undervoltage
•
WD event
Certain faults can be masked by setting the appropriate mask bits in the configuration SPI register. A masked fault
has no effect on the FAULTN pin.
During power-up, the FAULTN pin is held low until the device is ready to operate. The FAULTN pin will transition
from low to high automatically after power-up.
OPEN LOAD
SHORT TO BATTERY
(switch bypass)
SHORT TO GROUND
(shorted load)
LOADx
HSLSx
VBAT
VBAT
LOADx
HSLSx
VBAT
LOADx
HSLSx
VBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com