Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE82452-3SA Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE82452-3SA
Description  2 Channel High-Side and Low-Side Linear Solenoid Driver IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE82452-3SA Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE82452-3SA Datasheet HTML 17Page - Infineon Technologies AG TLE82452-3SA Datasheet HTML 18Page - Infineon Technologies AG TLE82452-3SA Datasheet HTML 19Page - Infineon Technologies AG TLE82452-3SA Datasheet HTML 20Page - Infineon Technologies AG TLE82452-3SA Datasheet HTML 21Page - Infineon Technologies AG TLE82452-3SA Datasheet HTML 22Page - Infineon Technologies AG TLE82452-3SA Datasheet HTML 23Page - Infineon Technologies AG TLE82452-3SA Datasheet HTML 24Page - Infineon Technologies AG TLE82452-3SA Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
Data Sheet
21
Rev 1.0, 2015-03-27
-
TLE82452-3SA
Power Supply
Attention: Voltage Ratings for Charge Pump caps: CPC1/CPC2: Vmin=VBATmax + 10V, CCPOUT:
Vmin=16V
Power-on wake-up time
T
WU
––
T
WU
=65536/
(
F
SYS/kHz)
+ 0.1
ms
1)Timer starts after
writing to the CLK-DIV
register, (CSN goes
high) all supplies are
above the UV
thresholds and RESN
pin is high. Output
stages are functional
after
T
WU
2)
P_6.12.14
Charge Pump
Charge pump voltage
V
CP_OUT
V
BAT+8
–
V
BAT +13
3) V
P_6.12.15
Charge pump clock
frequency
F
CP
–65
–
KHz
F
SYS = 6 MHz
4)
P_6.12.16
Charge pump warning
threshold voltage
V
CPOUT_W
V
BAT+7
–
V
BAT+ 8.5
V
P_6.12.17
Charge pump undervoltage
threshold voltage
V
CPOUT_UV
V
BAT
+4.5
–
V
BAT +5.5
V
P_6.12.18
Charge pump overvoltage
clamp
V
CPOUT_OV
–
48.5 –
V
P_6.12.19
1) Not subject to production test, specified by design.
2) To guarantee a proper Autozero result there must not be any
I
LOAD during power-on wake-up (Chapter 8.7).
3) Will not exceed
V
CPOUT_OV.
4) Parameter not subject to production test, specified by design.
Table 5
Electrical Characteristics: Power Supply (cont’d)
V
BAT = 8 V to 17 V, VDDx = 4.75 V to 5.25 V, Tj = -40 °C to +150 °C, CPC1 and CPC2 = 27nF CPCOUT = 220nF,
all voltages with respect to ground (GNDD), positive current flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com