Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HI-8428-R Datasheet(PDF) 13 Page - Holt Integrated Circuits

Part # HI-8428-R
Description  Airbus ABD0100H specification compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8428-R Datasheet(HTML) 13 Page - Holt Integrated Circuits

Back Button HI-8428-R Datasheet HTML 8Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 9Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 10Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 11Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 12Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 13Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 14Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 15Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 16Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AC ELECTRICAL CHARACTERISTICS
HOLT INTEGRATED CIRCUITS
13
Figure 17. Switching Waveforms
SI
SO
Hi Impedance
t
P1
MSB
Hi Impedance
CS
SCK
SEL
SU1
t
H1
t
SU2
t
CSR
t
MAX
1/f
HI-8428-R
V
= 3.3V +/- 5%, V
= 12.0V to 16.5V, GND = 0V, T = Operating Temperature Range (unless otherwise specified).
LOGIC
DD
A
PARAMETER
SYM
CONDITION
MIN
TYP
MAX
UNIT
SCK Frequency
f
50% Duty Cycle
0.1
10
MHZ
SCK Pulse Width
t
50
ns
Set-up Time, SCK to
low
t
30
ns
Hold Time,
MAX
W
SU1
CS
CS
CS
CS
CS
CS
CS
CS
CS
CS
low to SCK
t
25
ns
Set-up Time, SENSE valid to
low
t
500
ns
Hold Time,
low to SENSE not valid
t
15
s
Set-up Time, SI to SCK rising
t
25
ns
Hold Time, SCK rising to SI not valid
t
25
ns
Set-up Time, SEL valid to
low
t
30
ns
Hold Time,
high to SEL not valid
t
25
ns
Propagation Delay,
low to SO valid
t
SO loaded with 50pF to Ground
105
ns
Propagation Delay, SCK rising to SO valid
t
SO loaded with 50pF to Ground
90
ns
Propagation Delay,
rising to SO Hi-Z
t
SO loaded with 50pF to Ground
80
ns
recovery time
t
20
ns
Logic Input Capacitance (SCK,
, SI)
C
Guaranteed but not Tested
10
pF
Logic output capacitance (SO Hi-Z)
C
Guaranteed but not Tested
15
pF
H1
SU2
H2
SU3
H3
SU4
H4
P1
P2
P3
CSR
IN
OUT
μ
SENSE
VALID
SU4
t
VALID
VALID
H4
t
W
t
H2
t
SU3
t
H3
t
H1
t
t
P2
t
P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com