Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HI-8428-R Datasheet(PDF) 2 Page - Holt Integrated Circuits

Part # HI-8428-R
Description  Airbus ABD0100H specification compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8428-R Datasheet(HTML) 2 Page - Holt Integrated Circuits

  HI-8428-R Datasheet HTML 1Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 2Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 3Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 4Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 5Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 6Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 7Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 8Page - Holt Integrated Circuits HI-8428-R Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
BLOCK DIAGRAM
HI-8428-R
HOLT INTEGRATED CIRCUITS
2
SPI
CONTROL
VLOGIC
GND
SEL
CS
SCK
VDD
Figure 1.
SI
PD
HI LO
VDD
+
-
+
-
CRn
VREF
THRESHOLDS
PU
HI LO
SENSE1-8
VTHI
LIGHTNING
PROTECTION
VDD
20kΩ
680kΩ
7kΩ
2kΩ
DATA REGISTER
SHIFT REGISTER
MUX
TEST
VTLO
SO
POR
SENSE
CONTROL
SW1
SW2
CONFIG REGISTER
SENSOR 1
SENSOR 2
SENSOR 3
SENSOR 4
SENSOR 5
SENSOR 6
SENSOR 7
SENSOR 8
7kΩ
3kΩ
3kΩ
3kΩ
3kΩ
3kΩ
3kΩ
3kΩ
3kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com