Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS715B0 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLS715B0
Description  Low Dropout Linear Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS715B0 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLS715B0 Datasheet HTML 1Page - Infineon Technologies AG TLS715B0 Datasheet HTML 2Page - Infineon Technologies AG TLS715B0 Datasheet HTML 3Page - Infineon Technologies AG TLS715B0 Datasheet HTML 4Page - Infineon Technologies AG TLS715B0 Datasheet HTML 5Page - Infineon Technologies AG TLS715B0 Datasheet HTML 6Page - Infineon Technologies AG TLS715B0 Datasheet HTML 7Page - Infineon Technologies AG TLS715B0 Datasheet HTML 8Page - Infineon Technologies AG TLS715B0 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
5
Rev. 1.0, 2015-03-12
TLS715B0
General Product Characteristics
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Notes
1. Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2. Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are not
designed for continuous repetitive operation.
Table 1
Absolute Maximum Ratings1)
T
j = -40 °C to +150 °C; all voltages with respect to ground (unless otherwise specified)
1) Not subject to production test, specified by design.
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Input I, Enable EN
Voltage
V
I, VEN
-0.3
–
45
V
–
P_4.1.1
Output Q
Voltage
V
Q
-0.3
–
7
V
–
P_4.1.2
Temperature
Junction Temperature
T
j
-40
–
150
°C
–
P_4.1.3
Storage Temperature
T
stg
-55
–
150
°C
–
P_4.1.4
ESD Absorption
ESD Susceptibility to GND
V
ESD
-2
–
2
kV
HBM2)
2) ESD susceptibility, HBM according to ANSI/ESDA/JEDEC JS001 (1.5 kΩ, 100 pF)
P_4.1.5
ESD Susceptibility to GND
V
ESD
-500
–
500
V
CDM3)
3) ESD susceptibility, Charged Device Model “CDM” according JEDEC JESD22-C101
P_4.1.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com