Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS715B0 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLS715B0
Description  Low Dropout Linear Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS715B0 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLS715B0 Datasheet HTML 5Page - Infineon Technologies AG TLS715B0 Datasheet HTML 6Page - Infineon Technologies AG TLS715B0 Datasheet HTML 7Page - Infineon Technologies AG TLS715B0 Datasheet HTML 8Page - Infineon Technologies AG TLS715B0 Datasheet HTML 9Page - Infineon Technologies AG TLS715B0 Datasheet HTML 10Page - Infineon Technologies AG TLS715B0 Datasheet HTML 11Page - Infineon Technologies AG TLS715B0 Datasheet HTML 12Page - Infineon Technologies AG TLS715B0 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
9
Rev. 1.0, 2015-03-12
TLS715B0
Block Description and Electrical Characteristics
5.2
Typical Performance Characteristics Voltage Regulator
Typical Performance Characteristics
Output Voltage
V
Q versus
Junction Temperature
T
j
Output Current
I
Q versus
Input Voltage
V
I
Dropout Voltage
V
dr versus
Junction Temperature
T
j
Dropout Voltage
V
dr versus
Output Current
I
Q
0
50
100
150
4.8
4.85
4.9
4.95
5
5.05
5.1
5.15
T
j
[
°C]
V
I
= 13.5 V
I
Q
= 50 mA
0
10
20
30
40
0
50
100
150
200
250
300
350
400
V
I
[V]
T
j
= −40
°C
T
j
= 25
°C
T
j
= 150
°C
0
50
100
150
0
100
200
300
400
500
600
T
j
[
°C]
I
Q
= 10 mA
I
Q
= 50 mA
I
Q
= 100 mA
0
50
100
150
0
100
200
300
400
500
600
I
Q
[mA]
T
j
= −40
°C
T
j
= 25
°C
T
j
= 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com