Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU941G-TQ2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # BU941G-TQ2-R
Description  NPN POWER DARLINGTON HIGH VOLTAGE IGNITION COIL DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BU941G-TQ2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  BU941G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies BU941G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies BU941G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies BU941G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies BU941G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BU941
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R203-025.D
TYPICAL CHARACTERISTICS
103
102
4
2
8
6
4
2
8
6
4
2
101
10-1
8
6
4
2
8
6
2
Collector Current, IC(A)
DC Current Gain
VCE=2V
125℃
-40℃
Tc=25℃
4
8
6
1
103
102
4
2
8
6
4
2
8
6
4
2
101
10-1
8
6
4
2
8
6
2
Collector Current, IC (A)
DC Current Gain
VCE=10V
125℃
-40℃
Tc=25℃
4
1
6
8
2.5
1.5
3.5
0
100
50
150
Base Current, IB (mA)
0.5
200
4.0
10A
8 6 4
1
2
1.2
1
0.8
0.6
0.4
0.2
1
8
6
4
2
10
Collctor-Emitter Saturation Voltage
0
hFE=100
-40℃
125℃
Tc=25℃
Collector Current, Ic (mA)
1.4
12
Collector-Emitter Saturation Voltage
2.2
2
1.8
1.6
1.4
1.2
1
8
6
4
2
10
Collector Current, IC(A)
0
-40℃
125℃
Tc=25℃
2.4
12
10
1
10-1
18
6
4
2
Collector Current, IC(A)
Switching Time
10
Vclamp=300V, VCC=12V,
hFE=100, RBE=47Ω,
L=7mH, Tc=25℃
12
ts
tf
Base-Emitter Saturation Voltage
hFE=100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com