Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU941G-TQ2-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # BU941G-TQ2-R
Description  NPN POWER DARLINGTON HIGH VOLTAGE IGNITION COIL DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BU941G-TQ2-R Datasheet(HTML) 5 Page - Unisonic Technologies

  BU941G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies BU941G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies BU941G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies BU941G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies BU941G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BU941
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R203-025.D
TYPICAL CHARACTERISTICS(Cont.)
Safe Operating Area
8
6
4
2
101
100
8
6
4
2
8
6
4
2
10-1
4
2
10-2
100
8
6
4
2
101
8
6
4
2
102
8
6
4
2
Ic MAX PULSED
Collector-Emitter Voltage, VCE (V)
* For single non
repelitive pulse
Ic MAX
CONT
10μs
10ms
D.C.
100
μ
s
1ms
PULSE OPERATION *
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com