Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE13005L-X-TQ3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MJE13005L-X-TQ3-R
Description  NPN SILICON POWER TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13005L-X-TQ3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  MJE13005L-X-TQ3-R Datasheet HTML 1Page - Unisonic Technologies MJE13005L-X-TQ3-R Datasheet HTML 2Page - Unisonic Technologies MJE13005L-X-TQ3-R Datasheet HTML 3Page - Unisonic Technologies MJE13005L-X-TQ3-R Datasheet HTML 4Page - Unisonic Technologies MJE13005L-X-TQ3-R Datasheet HTML 5Page - Unisonic Technologies MJE13005L-X-TQ3-R Datasheet HTML 6Page - Unisonic Technologies MJE13005L-X-TQ3-R Datasheet HTML 7Page - Unisonic Technologies MJE13005L-X-TQ3-R Datasheet HTML 8Page - Unisonic Technologies MJE13005L-X-TQ3-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MJE13005
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 10
www.unisonic.com.tw
QW-R203-018. O
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Emitter Voltage
VCEO(SUS)
400
V
Collector-Emitter Voltage (VBE=0)
VCES
700
V
Collector-Base Voltage
VCBO
700
V
Emitter Base Voltage
VEBO
9
V
Collector Current
Continuous
IC
4
A
Peak (1)
ICM
8
A
Base Current
Continuous
IB
2
A
Peak (1)
IBM
4
A
Emitter Current
Continuous
IE
6
A
Peak (1)
IEM
12
A
Power Dissipation at TA=25°С
TO-126/TO-126S
TO-220F
PD
40
W
TO-251/TO-251S
TO-251S2/TO-251S4
TO-252/TO-252D
50
TO-220/TO-263
TO-262
75
Derate above 25°С
TO-126/TO-126S
TO-220F
320
mW/°С
TO-251/TO-251S
TO-251S2/TO-251S4
TO-252/TO-252D
400
TO-220/TO-263
TO-262
600
Operating and Storage Junction Temperature
TJ , TSTG
-65 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-126/TO-126S
θJA
89
°С/W
TO-251/TO-251S
TO-251S2/TO-251S4
TO-252/TO-252D
110
TO-220/TO-263
TO-262/TO-220F
62.5
Junction to Case
TO-126/TO-126S
TO-220F
θJC
3.125
°С/W
TO-251/TO-251S
TO-251S2/TO-251S4
TO-252/TO-252D
2.5
TO-220/TO-263
TO-262
1.67



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com