Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE13005L-X-TQ3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MJE13005L-X-TQ3-R
Description  NPN SILICON POWER TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MJE13005L-X-TQ3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MJE13005L-X-TQ3-R Datasheet HTML 1Page - Unisonic Technologies MJE13005L-X-TQ3-R Datasheet HTML 2Page - Unisonic Technologies MJE13005L-X-TQ3-R Datasheet HTML 3Page - Unisonic Technologies MJE13005L-X-TQ3-R Datasheet HTML 4Page - Unisonic Technologies MJE13005L-X-TQ3-R Datasheet HTML 5Page - Unisonic Technologies MJE13005L-X-TQ3-R Datasheet HTML 6Page - Unisonic Technologies MJE13005L-X-TQ3-R Datasheet HTML 7Page - Unisonic Technologies MJE13005L-X-TQ3-R Datasheet HTML 8Page - Unisonic Technologies MJE13005L-X-TQ3-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MJE13005
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 10
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R203-018. O
NPN SILICON POWER
TRANSISTORS
DESCRIPTION
These devices are designed for high-voltage, high-speed
power switching inductive circuits where fall time is critical.
They are particularly suited for 115 and 220 V SWITCHMODE.
FEATURES
* VCEO(SUS)= 400 V
* Reverse bias SOA with inductive loads @ TC = 100°С
* Inductive switching matrix 2 to 4 Amp, 25 and 100°С
tC @ 3A, 100°С is 180 ns (Typ)
* 700V blocking capability
* SOA and switching applications information
APPLICATIONS
* Switching regulator’s, inverters
* Motor controls
* Solenoid/Relay drivers
* Deflection circuits
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
MJE13005L-x-TA3-T
MJE13005G-x-TA3-T
TO-220
B
C
E
Tube
MJE13005L-x-TF3-T
MJE13005G-x-TF3-T
TO-220F
B
C
E
Tube
MJE13005L-x-TM3-T
MJE13005G-x-TM3-T
TO-251
B
C
E
Tube
MJE13005L-x-TMS-T
MJE13005G-x-TMS-T
TO-251S
B
C
E
Tube
MJE13005L-x-TMS2-T
MJE13005G-x-TMS2-T
TO-251S2
B
C
E
Tube
MJE13005L-x-TMS4-T
MJE13005G-x-TMS4-T
TO-251S4
B
C
E
Tube
MJE13005L-x-TN3-R
MJE13005G-x-TN3-R
TO-252
B
C
E
Tape Reel
MJE13005L-x-TND-R
MJE13005G-x-TND-R
TO-252D
B
C
E
Tape Reel
MJE13005L-x-T2Q-T
MJE13005G-x-T2Q-T
TO-262
B
C
E
Tube
MJE13005L-x-TQ3-T
MJE13005G-x-TQ3-T
TO-263
B
C
E
Tube
MJE13005L-x-TQ3-R
MJE13005G-x-TQ3-R
TO-263
B
C
E
Tape Reel
MJE13005L-x-T60-K
MJE13005G-x-T60-K
TO-126
B
C
E
Bulk
MJE13005L-x-T6S-K
MJE13005G-x-T6S-K
TO-126S
B
C
E
Bulk
Note: Pin Assignment: B: Base
C: Collector
E: Emitter


Similar Part No. - MJE13005L-X-TQ3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE13005L-X-TQ3-R UTC-MJE13005L-X-TQ3-R Datasheet
381Kb / 9P
NPN SILICON POWER TRANSISTORS
More results

Similar Description - MJE13005L-X-TQ3-R

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF342 ASI-MRF342 Datasheet
145Kb / 1P
SILICON POWER NPN TRANSISTOR
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com