Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4875M/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM4875M/NOPB
Description  750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4875M/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM4875M/NOPB Datasheet HTML 1Page - Texas Instruments LM4875M/NOPB Datasheet HTML 2Page - Texas Instruments LM4875M/NOPB Datasheet HTML 3Page - Texas Instruments LM4875M/NOPB Datasheet HTML 4Page - Texas Instruments LM4875M/NOPB Datasheet HTML 5Page - Texas Instruments LM4875M/NOPB Datasheet HTML 6Page - Texas Instruments LM4875M/NOPB Datasheet HTML 7Page - Texas Instruments LM4875M/NOPB Datasheet HTML 8Page - Texas Instruments LM4875M/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LM4875
www.ti.com
SNAS042C – JANUARY 2002 – REVISED MAY 2013
ELECTRICAL CHARACTERISTICS
(1) (2)
The following specifications apply for VDD = 5V, unless otherwise specified. Limits apply for TA = 25°C.
LM4875
Symbol
Parameter
Conditions
Min(3)
Typical(4)
Max(3)
Units
VDD
Supply Voltage
2.7
5.5
V
VIN = 0V, IO = 0A, HP Sense = 0V
4
7
mA
IDD
Quiescent Power Supply Current
VIN = 0V, IO - 0A, HP Sense = 5V
3.5
6
mA
ISD
Shutdown Current
VPIN4 ≤ 0.3V
0.7
µA
VOS
Output Offset Voltage
VIN = 0V
5
50
mV
THD = 1% (max), HP Sense < 0.8V, f =
500
750
mW
1kHz, RL = 8Ω
THD = 10% (max), HP Sense < 0.8V, f =
1.0
W
1kHz, RL = 8Ω
PO
Output Power
THD + N = 1%, HP Sense > 4V,
80
mW
f = 1kHz, RL = 32Ω
THD = 10%, HP Sense > 4V,
110
mW
f = 1kHz, RL = 32Ω
PO = 300 mWrms, f = 20Hz–20kHz, RL =
THD+N
Total Harmonic Distortion + Noise
0.6
%
8
Ω
VRIPPLE = 200mVrms, RL = 8Ω, CB = 1.0
PSRR
Power Supply Rejection Ratio
50
dB
µF, f = 1kHz
Gain with VPIN4 ≥ 4.0V, (80% of VDD)
18.8
20
dB
GainRANGE
Single-Ended Gain Range
Gain with VPIN4 ≤ 0.9V, (20% of VDD)
−70
−72
dB
VIH
HP Sense High Input Voltage
4
V
VIL
HP Sense Low Input Voltage
0.8
V
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions that ensure specific performance limits. This assumes that the device operates within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given. The typical value, however, is a good
indication of device performance.
(3)
Limits are ensured to AOQL (Average Outgoing Quality Level).
(4)
Typicals are measured at 25°C and represent the parametric norm.
EXTERNAL COMPONENTS DESCRIPTION
(Figure 1)
Components
Functional Description
1.
Ci
Input coupling capacitor blocks DC voltage at the amplifier's input terminals. It also creates a highpass filter with the
internal Ri that produces an fc = 1/(2πRiCi) (10kΩ ≤ Ri ≤ 100kΩ). Refer to the APPLICATION INFORMATION section,
PROPERLY SELECTING EXTERNAL COMPONENTS, for an explanation of determining the value of Ci.
2.
CS
The supply bypass capacitor. Refer to the POWER SUPPLY BYPASSING section for information about properly placing,
and selecting the value of, this capacitor.
3.
CB
The capacitor, CB, filters the half-supply voltage present on the BYPASS pin. Refer to the APPLICATION INFORMATION
Section,PROPERLY SELECTING EXTERNAL COMPONENTS, for information concerning proper placement and selecting
CB's value.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4875



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com