Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4875M/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM4875M/NOPB
Description  750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4875M/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM4875M/NOPB Datasheet HTML 7Page - Texas Instruments LM4875M/NOPB Datasheet HTML 8Page - Texas Instruments LM4875M/NOPB Datasheet HTML 9Page - Texas Instruments LM4875M/NOPB Datasheet HTML 10Page - Texas Instruments LM4875M/NOPB Datasheet HTML 11Page - Texas Instruments LM4875M/NOPB Datasheet HTML 12Page - Texas Instruments LM4875M/NOPB Datasheet HTML 13Page - Texas Instruments LM4875M/NOPB Datasheet HTML 14Page - Texas Instruments LM4875M/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
7
LM4875
www.ti.com
SNAS042C – JANUARY 2002 – REVISED MAY 2013
HP-Sense FUNCTION
Applying a voltage between 4V and VCC to the LM4875's HP-Sense headphone control pin turns off Amp2 and
mutes a bridged-connected load. Quiescent current consumption is reduced when the IC is in this single-ended
mode.
Figure 27 shows the implementation of the LM4875's headphone control function. With no headphones
connected to the headphone jack, the R1-R2 voltage divider sets the voltage applied to the HP-Sense pin (pin 3)
at approximately 50mV. This 50mV enables the LM4875 and places it in bridged mode operation.
Figure 27. Headphone Circuit
While the LM4875 operates in bridged mode, the DC potential across the load is essentially 0V. Since the HP-
Sense threshold is set at 4V, even in an ideal situation, the output swing cannot cause a false single-ended
trigger. Connecting headphones to the headphone jack disconnects the headphone jack contact pin from VO1
and allows R1 to pull the HP Sense pin up to VCC. This enables the headphone function, turns off Amp2, and
mutes the bridged speaker. The amplifier then drives the headphones, whose impedance is in parallel with
resistor R2. Resistor R2 has negligible effect on output drive capability since the typical impedance of
headphones is 32
Ω. The output coupling capacitor blocks the amplifier's half supply DC voltage, protecting the
headphones.
A microprocessor or a switch can replace the headphone jack contact pin. When a microprocessor or switch
applies a voltage greater than 4V to the HP Sense pin, a bridge-connected speaker is muted and Amp1 drives
the headphones.
PROPERLY SELECTING EXTERNAL COMPONENTS
Optimizing the LM4875's performance requires properly selecting external components. Though the LM4875
operates well when using external components having wide tolerances, the best performance is achieved by
optimizing component values.
Input Capacitor Value Selection
Amplification of the lowest audio frequencies requires high value input coupling capacitors. These high value
capacitors can be expensive and may compromise space efficiency in portable designs. In many cases,
however, the speakers used in portable systems, whether internal or external, have little ability to reproduce
signals below 150Hz. In application 5 using speakers with this limited frequency response, a large input capacitor
will offer little improvement in system performance.
Figure 1 shows that the nominal input impedance (RIN) is 10kΩ at maximum volume and 110kΩ at minimum
volume. Together, the input capacitor, Ci, and RIN, produce a -3dB high pass filter cutoff frequency that is found
using Equation 4.
(4)
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM4875



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com