Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4890MMX/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM4890MMX/NOPB
Description  1 Watt Audio Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4890MMX/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM4890MMX/NOPB Datasheet HTML 9Page - Texas Instruments LM4890MMX/NOPB Datasheet HTML 10Page - Texas Instruments LM4890MMX/NOPB Datasheet HTML 11Page - Texas Instruments LM4890MMX/NOPB Datasheet HTML 12Page - Texas Instruments LM4890MMX/NOPB Datasheet HTML 13Page - Texas Instruments LM4890MMX/NOPB Datasheet HTML 14Page - Texas Instruments LM4890MMX/NOPB Datasheet HTML 15Page - Texas Instruments LM4890MMX/NOPB Datasheet HTML 16Page - Texas Instruments LM4890MMX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
0
20
40
60
80
100 120 140 160
AMBIENT TEMPERATURE (°C)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
480mm
2
120mm
2
0mm
2
NOTE 13
LM4890
www.ti.com
SNAS138L – SEPTEMBER 2001 – REVISED MAY 2013
Typical Performance Characteristics (continued)
LM4890 vs LM4877 Power Supply Rejection Ratio
LM4890 vs LM4877 Power Supply Rejection Ratio
VDD = 5V, Input Grounded = 10Ω
VDD = 3V, Input Grounded = 10Ω
Output Load = 8
Ω, 200mV Ripple
Output Load = 8
Ω, 200mV Ripple
Figure 38. LM4890 = Bottom Trace
Figure 39. LM4890 = Bottom Trace
LM4877 = Top Trace
LM4877 = Top Trace
Power Derating Curves (PDMAX = 670mW)
Power Derating - 8 bump DSBGA (PDMAX = 670mW)
Note: (PDMAX = 670mW for 5V, 8Ω)
Note: (PDMAX = 670mW for 5V, 8Ω)
Figure 40. Ambient Temperature in Degrees C
Figure 41. Ambient Temperature in Degrees C
Power Derating - 9 bump DSBGA (PDMAX = 670mW)
Power Derating - 10 Pin LD Pkg (PDMAX = 670mW)
Note: (PDMAX = 670mW for 5V, 8Ω)
Note: (PDMAX = 670mW for 5V, 8Ω)
Figure 42. Ambient Temperature in Degrees C
Figure 43. Ambient Temperature in Degrees C
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM4890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com