Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4890MMX/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM4890MMX/NOPB
Description  1 Watt Audio Power Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4890MMX/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM4890MMX/NOPB Datasheet HTML 17Page - Texas Instruments LM4890MMX/NOPB Datasheet HTML 18Page - Texas Instruments LM4890MMX/NOPB Datasheet HTML 19Page - Texas Instruments LM4890MMX/NOPB Datasheet HTML 20Page - Texas Instruments LM4890MMX/NOPB Datasheet HTML 21Page - Texas Instruments LM4890MMX/NOPB Datasheet HTML 22Page - Texas Instruments LM4890MMX/NOPB Datasheet HTML 23Page - Texas Instruments LM4890MMX/NOPB Datasheet HTML 24Page - Texas Instruments LM4890MMX/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
LM4890
www.ti.com
SNAS138L – SEPTEMBER 2001 – REVISED MAY 2013
In addition to system cost and size, click and pop performance is effected by the size of the input coupling
capacitor, CIN. A larger input coupling capacitor requires more charge to reach its quiescent DC voltage
(nominally 1/2 VDD). This charge comes from the output via the feedback and is apt to create pops upon device
enable. Thus, by minimizing the capacitor size based on necessary low frequency response, turn-on pops can be
minimized.
Besides minimizing the input capacitor size, careful consideration should be paid to the bypass capacitor value.
Bypass capacitor, CBYPASS, is the most critical component to minimize turn-on pops since it determines how fast
the LM4890 turns on. The slower the LM4890's outputs ramp to their quiescent DC voltage (nominally 1/2VDD),
the smaller the turn-on pop. Choosing CBYPASS equal to 1.0µF along with a small value of CIN, (in the range of
0.1µF to 0.39µF), should produce a virtually clickless and popless shutdown function. While the device will
function properly, (no oscillations or motorboating), with CBYPASS equal to 0.1µF, the device will be much more
susceptible to turn-on clicks and pops. Thus, a value of CBYPASS equal to 1.0µF is recommended in all but the
most cost sensitive designs.
AUDIO POWER AMPLIFIER DESIGN
A 1W/8
Ω Audio Amplifier
Given:
Power Output
1 Wrms
Load Impedance
8
Ω
Input Level
1 Vrms
Input Impedance
20 k
Ω
Bandwidth
100 Hz–20 kHz ± 0.25 dB
A designer must first determine the minimum supply rail to obtain the specified output power. By extrapolating
from the Output Power vs Supply Voltage graphs in the Typical Performance Characteristics section, the supply
rail can be easily found. A second way to determine the minimum supply rail is to calculate the required Vopeak
using Equation 2 and add the output voltage. Using this method, the minimum supply voltage would be (Vopeak +
(VODTOP + VODBOT)), where VODBOT and VODTOP are extrapolated from the Dropout Voltage vs Supply Voltage curve in
theTypical Performance Characteristics.
(2)
5V is a standard voltage which in most applications is chosen for the supply rail. Extra supply voltage creates
headroom that allows the LM4890 to reproduce peaks in excess of 1W without producing audible distortion. At
this time, the designer must make sure that the power supply choice along with the output impedance does not
violate the conditions explained in the POWER DISSIPATION section.
Once the power dissipation equations have been addressed, the required differential gain can be determined
from Equation 3.
(3)
Rf/RIN = AVD/2
(4)
From Equation 3, the minimum AVD is 2.83; use AVD = 3.
Since the desired input impedance is 20 k
Ω, and with an AVD gain of 3, a ratio of 1.5:1 of Rf to RIN results in an
allocation of RIN = 20 kΩ and Rf = 30 kΩ. The final design step is to address the bandwidth requirements which
must be stated as a pair of
−3 dB frequency points. Five times away from a −3 dB point is 0.17 dB down from
passband response which is better than the required ±0.25 dB specified.
fL = 100Hz/5 = 20Hz
fH = 20kHz * 5 = 100kHz
As stated in the External Components Description section, RIN in conjunction with CIN create a highpass filter.
CIN ≥ 1/(2π*20 kΩ*20Hz) = 0.397µF; use 0.39µF
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM4890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com