Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILA7050N Datasheet(PDF) 1 Page - IK Semicon Co., Ltd

Part # ILA7050N
Description  Very low quiescent current
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

ILA7050N Datasheet(HTML) 1 Page - IK Semicon Co., Ltd

  ILA7050N Datasheet HTML 1Page - IK Semicon Co., Ltd ILA7050N Datasheet HTML 2Page - IK Semicon Co., Ltd ILA7050N Datasheet HTML 3Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA
ILA7050
LOW VOLTAGE MONO/STEREO POWER AMPLIFIER
GENERAL DESCRIPTION
The ILA7050 is a low voltage audio amplifier for small radios with headphones (such as watch, pen and
pocket radios) in mono (bridge-tied load) or stereo applications.
Features
• Limited to battery supply application only (typ. 3 and 4 V)
• Operates with supply voltage down to 1,6 V
• No external components required
• Very low quiescent current
• Fixed integrated gain of 26 dB, floating differential input
• Flexibility in use - mono BTL as well as stereo
• Small dimension of encapsulation (see package design
example)
QUICK REFERENCE DATA
Supply voltage range
Vp
1,6
to 6,0 V
Total quiescent current (at Vp = 3 V)
ltot
typ.
3,2 mA
Bridge tied load application (BTL)
Output power at R) = 32 Q
Vp=3V;dtat=10%
PO
typ.
140 mW
D.C. output offset voltage between the outputs
lAVI
max.
70 mV
Noise output voltage (r.m.s. value)
at f = 1 kHz; Rg = 5 kfit
Vno(rms)
typ.
140 mV
Stereo application
Output power at R( = 32
dtot = 10%; Vp = 3V
PO
typ.
35 mW
dtot = 10%; Vp= 4,5V
PO
typ.
75 mW
Channel separation at Rs = 0
Ω; f = 1 kHz
K
typ.
40 dB
Noise output voltage (r.m.s. value)
at f = 1 kHz; Rs = 5 k
Vno(rms)
typ.
100 mV
PACKAGE OUTLINE 8-lead DIL; plastic (SOT97); SOT97-1;
Rev. 00


Similar Part No. - ILA7050N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ILA7050 ETC-ILA7050 Datasheet
104Kb / 2P
LOW VOLTAGE MONO/STEREO POWER AMPLIFIER
More results

Similar Description - ILA7050N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3661 PHILIPS-TDA3661 Datasheet
88Kb / 16P
Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
logo
STMicroelectronics
LDK120XX STMICROELECTRONICS-LDK120XX Datasheet
2Mb / 25P
200 mA low quiescent current very low noise LDO
from
LDK120M33R STMICROELECTRONICS-LDK120M33R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
LDK120M11R STMICROELECTRONICS-LDK120M11R Datasheet
2Mb / 24P
200 mA low quiescent current very low noise LDO
from
ST1L05APU33R STMICROELECTRONICS-ST1L05APU33R Datasheet
1Mb / 30P
Very low quiescent current BiCMOS voltage regulator
05-May-2014
LDBL20 STMICROELECTRONICS-LDBL20 Datasheet
1Mb / 19P
200 mA very low quiescent current linear regulator IC
November 2015 Rev 1
LD39030 STMICROELECTRONICS-LD39030 Datasheet
1Mb / 21P
300 mA very low quiescent current linear regulator IC
16-Nov-2015
LD39020 STMICROELECTRONICS-LD39020 Datasheet
2Mb / 30P
200 mA very low quiescent current linear regulator IC
15-Jun-2015
ST2L05 STMICROELECTRONICS-ST2L05 Datasheet
508Kb / 23P
VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
December 2004 Rev. 6
logo
Analog Devices
ADP165 AD-ADP165 Datasheet
605Kb / 23P
Very Low Quiescent Current, 150 mA, LDO Regulator
Rev. A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com