Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1013G-X-AB3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SA1013G-X-AB3-R
Description  PNP EPITAXIAL SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1013G-X-AB3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SA1013G-X-AB3-R Datasheet HTML 1Page - Unisonic Technologies 2SA1013G-X-AB3-R Datasheet HTML 2Page - Unisonic Technologies 2SA1013G-X-AB3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SA1013
PNP EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R208-049.D
ABSOLUTE MAXIMUM RATINGS (T
A=25C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-160
V
Collector-Emitter Voltage
VCEO
-160
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current
IC
-1
A
Base Current
IB
-0.5
A
Collector Power Dissipation
SOT-89
PC
500
W
TO-92/TO-92NL
900
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
A=25C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector Cut-Off Current
ICBO
VCB=-150V, IE=0
-1.0
µA
Emitter Cut-Off Current
IEBO
VEB=-6V, IC=0
-1.0
µA
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-10mA, IB=0
-160
V
DC Current Gain
hFE
VCE=-5V, IC=-200mA
60
320
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-500mA, IB=-50mA
-1.5
V
Base-Emitter Voltage
VBE
VCE=-5V, IC=-5mA
-0.45
-0.75
V
Transition Frequency
fT
VCE=-5V, IC=-200mA
15
50
MHz
Collector Output Capacitance
Cob
VCB=-10V, f=1MHz, IE=0
35
pF
CLASSIFICATION OF hFE
RANK
R
O
P
RANGE
60~120
100~200
160~320



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com