Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1013G-X-AB3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SA1013G-X-AB3-R
Description  PNP EPITAXIAL SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1013G-X-AB3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2SA1013G-X-AB3-R Datasheet HTML 1Page - Unisonic Technologies 2SA1013G-X-AB3-R Datasheet HTML 2Page - Unisonic Technologies 2SA1013G-X-AB3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SA1013
PNP EPITAXIAL SILICON TRANSISTOR
www.unisonic.com.tw
1 of 3
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R208-049.D
PNP EPITAXIAL SILICON
TRANSISTOR
DESCRIPTION
The UTC 2SA1013 is a PNP epitaxial silicon transistor, it uses
UTC’s advanced technology to provide the customers with high BVCEO
and high DC current gain, etc.
The UTC 2SA1013 is suitable for power switching and color TV
vertical deflection output, etc.
FEATURES
* High BVCEO
* High DC current gain
* Large continuous collector current capability
ORDERING INFORMATION
Ordering Number
Package
Pin assignment
Packing
Lead Free
Halogen Free
1
2
3
-
2SA1013G-x-AB3-R
SOT-89
B
C
E
Tape Reel
2SA1013L-x-T92-B
2SA1013G-x-T92-B
TO-92
E
C
B
Tape Box
2SA1013L-x-T92-K
2SA1013G-x-T92-K
TO-92
E
C
B
Bulk
2SA1013L-x-T9N-B
2SA1013G-x-T9N-B
TO-92NL
E
C
B
Tape Box
2SA1013L-x-T9N-K
2SA1013G-x-T9N-K
TO-92NL
E
C
B
Bulk
Note: Pin Assignment: B: Base
C: Collector
E: Emitter
MARKING
SOT-89
TO-92
TO-92NL
UTC
2SA1013
Data Code
L: Lead Free
G: Halogen Free


Similar Part No. - 2SA1013G-X-AB3-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1013 TOSHIBA-2SA1013 Datasheet
190Kb / 3P
TRANSISTOR (COLOR TV VERT. DEFELCTION OUTPUT APPLICATIONS)
logo
List of Unclassifed Man...
2SA1013 ETC-2SA1013 Datasheet
1Mb / 2P
TO 92MOD PLASTIC ENCAPSULATE TRANSISTORS
logo
Toshiba Semiconductor
2SA1013 TOSHIBA-2SA1013 Datasheet
159Kb / 5P
Color TV Verttical Deflection Output Applications Power Switching Applications
logo
SeCoS Halbleitertechnol...
2SA1013 SECOS-2SA1013 Datasheet
375Kb / 2P
PNP Plastic Encapsulated Transistor
logo
Toshiba Semiconductor
2SA1013 TOSHIBA-2SA1013 Datasheet
165Kb / 5P
Color TV Verttical Deflection Output Applications Power Switching Applications
More results

Similar Description - 2SA1013G-X-AB3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC2SA1015 UTC-UTC2SA1015 Datasheet
62Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Samsung semiconductor
2N5401 SAMSUNG-2N5401 Datasheet
76Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
BCW69 SAMSUNG-BCW69 Datasheet
28Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BCX71G FAIRCHILD-BCX71G Datasheet
31Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
FJN4303R FAIRCHILD-FJN4303R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4202R FAIRCHILD-FJNS4202R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4204R FAIRCHILD-FJNS4204R Datasheet
65Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4210R FAIRCHILD-FJNS4210R Datasheet
32Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4212R FAIRCHILD-FJNS4212R Datasheet
26Kb / 3P
PNP Epitaxial Silicon Transistor
FJV4102R FAIRCHILD-FJV4102R Datasheet
55Kb / 4P
PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com