Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPSA45G-AB3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # MPSA45G-AB3-R
Description  HIGH VOLTAGE TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MPSA45G-AB3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  MPSA45G-AB3-R Datasheet HTML 1Page - Unisonic Technologies MPSA45G-AB3-R Datasheet HTML 2Page - Unisonic Technologies MPSA45G-AB3-R Datasheet HTML 3Page - Unisonic Technologies MPSA45G-AB3-R Datasheet HTML 4Page - Unisonic Technologies MPSA45G-AB3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MPSA44/45
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R208-006.K
TYPICAL CHARACTERISTICS
ON Voltage
Collector Current, IC (mA)
0
0.2
0.4
0.6
0.8
1.0
Collector SaturationRegion
Base Current, IB (µA)
0
0.2
0.4
0.3
0.1
0.5
IC=1mA
IC=10mA
IC=50mA
10-1
103
100
101
102
TA=25 C
VBE(SAT),IC/IB=10
VBE(ON),VCE=10V
VCE(SAT),IC/IB=10
TA=25 C
101
105
102
103
104



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com