Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPSA45G-AB3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MPSA45G-AB3-R
Description  HIGH VOLTAGE TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MPSA45G-AB3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MPSA45G-AB3-R Datasheet HTML 1Page - Unisonic Technologies MPSA45G-AB3-R Datasheet HTML 2Page - Unisonic Technologies MPSA45G-AB3-R Datasheet HTML 3Page - Unisonic Technologies MPSA45G-AB3-R Datasheet HTML 4Page - Unisonic Technologies MPSA45G-AB3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MPSA44/45
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 5
Copyright © 2014 Unisonic Technologies Co., LTD
QW-R208-006.K
HIGH VOLTAGE TRANSISTOR
FEATURES
* Collector-Emitter Voltage:
* VCEO=400V (UTC MPSA44)
* VCEO=350V (UTC MPSA45)
* Collector Current up to 300mA
SOT-89
TO-92NL
1
TO-92
1
1
TO-252
TO-126
1
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
-
MPSA44G-AB3-R
SOT-89
B
C
E
Tape Reel
MPSA44L-AN3-R
MPSA44G-TN3-R
TO-252
B
C
E
Tape Reel
MPSA44L-T60-K
MPSA44G-T60-K
TO-126
B
C
E
Bulk
MPSA44L-T92-B
MPSA44G-T92-B
TO-92
E
B
C
Tape Box
MPSA44L-T92-K
MPSA44G-T92-K
TO-92
E
B
C
Bulk
MPSA44L-T92-A-B
MPSA44G-T92-A-B
TO-92
E
C
B
Tape Box
MPSA44L-T92-A-K
MPSA44G-T92-A-K
TO-92
E
C
B
Bulk
MPSA44L-T9N-B
MPSA44G-T9N-B
TO-92NL
E
B
C
Tape Box
MPSA44L-T9N-K
MPSA44G-T9N-K
TO-92NL
E
B
C
Bulk
-
MPSA45G-AB3-R
SOT-89
B
C
E
Tape Reel
MPSA45L-T92-B
MPSA45G-T92-B
TO-92
E
B
C
Tape Box
MPSA45L-T92-K
MPSA45G-T92-K
TO-92
E
B
C
Bulk
MPSA45L-T9N-B
MPSA45G-T9N-B
TO-92NL
E
B
C
Tape Box
MPSA45L-T9N-K
MPSA45G-T9N-K
TO-92NL
E
B
C
Bulk
Note: Pin Assignment: C: Collector
B: Base
E: Emitter


Similar Part No. - MPSA45G-AB3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA45G-AB3-R UTC-MPSA45G-AB3-R Datasheet
184Kb / 4P
HIGH VOLTAGE TRANSISTOR
More results

Similar Description - MPSA45G-AB3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T Datasheet
42Kb / 2P
HIGH VOLTAGE TRANSISTOR
MJE2955T UTC-MJE2955T Datasheet
93Kb / 2P
HIGH VOLTAGE TRANSISTOR
logo
Pan Jit International I...
MMBT5401 PANJIT-MMBT5401 Datasheet
315Kb / 5P
HIGH VOLTAGE TRANSISTOR
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T_09 Datasheet
119Kb / 2P
HIGH VOLTAGE TRANSISTOR
MPSA94 UTC-MPSA94_11 Datasheet
140Kb / 3P
HIGH VOLTAGE TRANSISTOR
PZTA92 UTC-PZTA92_12 Datasheet
146Kb / 4P
HIGH VOLTAGE TRANSISTOR
logo
Fairchild Semiconductor
KSP42BU FAIRCHILD-KSP42BU Datasheet
42Kb / 4P
High Voltage Transistor
KSP92BU FAIRCHILD-KSP92BU Datasheet
69Kb / 4P
High Voltage Transistor
logo
Unisonic Technologies
MMBTA43 UTC-MMBTA43_15 Datasheet
97Kb / 4P
HIGH VOLTAGE TRANSISTOR
logo
ON Semiconductor
MMBT6520L ONSEMI-MMBT6520L Datasheet
141Kb / 5P
High Voltage Transistor
October, 2016 ??Rev. 7
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com