Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP112L-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TIP112L-TN3-R
Description  NPN EPITAXIAL SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TIP112L-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  TIP112L-TN3-R Datasheet HTML 1Page - Unisonic Technologies TIP112L-TN3-R Datasheet HTML 2Page - Unisonic Technologies TIP112L-TN3-R Datasheet HTML 3Page - Unisonic Technologies TIP112L-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TIP112
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R203-022.D
ABSOLUTE MAXIMUM RATING (TC =25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector to Base Voltage
VCBO
100
V
Collector to Emitter Voltage
VCEO
100
V
Emitter to Base Voltage
VEBO
5
V
Collector Current
DC
IC
2
A
Peak
ICM
4
Base Current (DC)
IB
50
mA
Collector Dissipation
TO-126
PC
10
W
TO-220
40
TO-252
15
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TC =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Emitter Breakdown Voltage
VCEO(SUS) IC=30mA, IB=0A
100
V
Collector-Emitter Saturation Voltage
VCE(SAT) IC=2A, IB=8mA
2.5
V
Base-Emitter Turn-On Voltage
VBE(ON)
VCE=4V, IC=2A
2.8
Collector-Base Cut-Off Current
ICBO
VCB=100V, IE=0A
1
mA
Collector-Emitter Cut-Off Current
ICEO
VCE=50V, VB=0A
2
mA
Emitter-Base Cut-Off Current
IEBO
VEB=5V, IC=0A
2
mA
DC Current Gain
hFE
VCE=4V, IC=1A
1000
VCE=4V, IC=2A
500
Collector Capacitance
COB
VCB=10V, IE=0A, f=0.1MHz
100
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com