Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP112L-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # TIP112L-TN3-R
Description  NPN EPITAXIAL SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TIP112L-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  TIP112L-TN3-R Datasheet HTML 1Page - Unisonic Technologies TIP112L-TN3-R Datasheet HTML 2Page - Unisonic Technologies TIP112L-TN3-R Datasheet HTML 3Page - Unisonic Technologies TIP112L-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TIP112
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R203-022.D
TYPICAL CHARACTERISTICS
IB=150uA
IB=200uA
IB=250uA
IB=300uA
IB=350uA
IB=500uA
IB=400uA
IB=450uA
Collector-Emitter Voltage, VCE (V)
Static Characteristics
01
2
3
4
5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VCE=4V
Collector Current, IC (A)
DC Current Gain
0.01
110
10
100
1000
10000
0.1
110
10
1
0.1
DC
5mS
1mS
100
Collector-Emitter Voltage, VCE (V)
Safe Operating Area
25
050
75
100 125 150
175
0
10
20
30
40
50
60
70
80
Case Temperature, TC (°C)
Power Derating



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com