Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP122L-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TIP122L-TN3-R
Description  NPN EPITAXIAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TIP122L-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  TIP122L-TN3-R Datasheet HTML 1Page - Unisonic Technologies TIP122L-TN3-R Datasheet HTML 2Page - Unisonic Technologies TIP122L-TN3-R Datasheet HTML 3Page - Unisonic Technologies TIP122L-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TIP122
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R204-016.E
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector to Base Voltage
VCBO
100
V
Collector to Emitter Voltage
VCEO
100
V
Emitter to Base Voltage
VEBO
5
V
IC Collector Current
IC
5
A
Power Dissipation (TC=25°C)
TO-126
PD
36
W
TO-220
65
W
TO-220F
34
W
TO-252
38
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Collector-Emitter Breakdown Voltage
BVCEO
IC=100mA
100
V
Collector-Emitter Saturation Voltage
VCE(SAT)1
IC=3A, IB=12mA
2
V
Collector-Emitter Saturation Voltage
VCE(SAT)2
IC=5A, IB=20mA
4
V
Base-Emitter Saturation Voltage
VBE(ON)
VCE=3V, IC=3A
2.5
V
Collector Cut-Off Current
ICBO
VCB=100V
200
uA
Collector-Cut-Off Current
ICEO
VCE=50V
500
uA
Emitter Cut-Off Current
IEBO
VEB=5V
2
mA
DC Current Gain
hFE
IC=500mA, VCE=3V
1000
IC=3A, VCE=3V
1000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com