Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP122L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TIP122L-TN3-R
Description  NPN EPITAXIAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TIP122L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  TIP122L-TN3-R Datasheet HTML 1Page - Unisonic Technologies TIP122L-TN3-R Datasheet HTML 2Page - Unisonic Technologies TIP122L-TN3-R Datasheet HTML 3Page - Unisonic Technologies TIP122L-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TIP122
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R204-016.E
NPN EPITAXIAL TRANSISTOR
DESCRIPTION
The UTC TIP122 is a NPN epitaxial transistor, designed for use
in general purpose amplifier low-speed switching applications.
EQUIVALENT TEST
R1
R2
E
B
C
(R1≈6kΩ, R2≈0.5kΩ)
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Normal
Lead Free Plating
1
2
3
TIP122-T60-K
TIP122L-T60-K
TO-126
E
C
B
Bulk
TIP122-TA3-T
TIP122L-TA3-T
TO-220
B
C
E
Tube
TIP122-TF3-T
TIP122L-TF3-T
TO-220F
B
C
E
Tube
TIP122-TN3-R
TIP122L-TN3-R
TO-252
B
C
E
Tape Reel
Note: Pin Assignment: E: Emitter
C: Collector
B: Base
MARKING
TO-220 / TO-220F / TO-252
TO-126


Similar Part No. - TIP122L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TIP122L-T60-K UTC-TIP122L-T60-K Datasheet
88Kb / 4P
NPN EPITAXIAL TRANSISTOR
TIP122L-TA3-T UTC-TIP122L-TA3-T Datasheet
88Kb / 4P
NPN EPITAXIAL TRANSISTOR
More results

Similar Description - TIP122L-TN3-R

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GMBT8050L GTM-GMBT8050L Datasheet
226Kb / 2P
NPN EPITAXIAL TRANSISTOR
GS123 GTM-GS123 Datasheet
155Kb / 2P
NPN EPITAXIAL TRANSISTOR
GSD2656 GTM-GSD2656 Datasheet
137Kb / 2P
NPN EPITAXIAL TRANSISTOR
GSMBT8050 GTM-GSMBT8050 Datasheet
157Kb / 2P
NPN EPITAXIAL TRANSISTOR
GSMBT9014 GTM-GSMBT9014 Datasheet
195Kb / 3P
NPN EPITAXIAL TRANSISTOR
logo
Chenmko Enterprise Co. ...
2SC1766PT CHENMKO-2SC1766PT Datasheet
139Kb / 4P
NPN Epitaxial Transistor
CH882PT CHENMKO-CH882PT Datasheet
117Kb / 4P
NPN Epitaxial Transistor
CHTA14ZPT CHENMKO-CHTA14ZPT Datasheet
166Kb / 3P
NPN Epitaxial Transistor
logo
Unisonic Technologies
2SD880 UTC-2SD880_11 Datasheet
154Kb / 4P
NPN EPITAXIAL TRANSISTOR
TIP122 UTC-TIP122_08 Datasheet
88Kb / 4P
NPN EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com