Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN74LS14 Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # IN74LS14
Description  This device contains six independent gates each of which performs the logic INVERT function
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74LS14 Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  IN74LS14 Datasheet HTML 1Page - IK Semicon Co., Ltd IN74LS14 Datasheet HTML 2Page - IK Semicon Co., Ltd IN74LS14 Datasheet HTML 3Page - IK Semicon Co., Ltd IN74LS14 Datasheet HTML 4Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IN74LS14
AC ELECTRICAL CHARACTERISTICS (TA = 25°C, VCC = 5.0 V, CL = 15 pF,
RL = 2 kΩ, tr = 15 ns, tf = 6.0 ns)
Symbol
Parameter
Min
Max
Unit
tPLH
Propagation Delay, Input A to Output Y
22
ns
tPHL
Propagation Delay, Input A to Output Y
22
ns
Figure 1. Switching Waveforms
NOTES A. C includes probe and jig capacitance.
L
B. All diodes are 1N916 or 1N3064.
Figure 2. Test Circuit
Rev. 00



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com