Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN74LS14 Datasheet(PDF) 1 Page - IK Semicon Co., Ltd

Part # IN74LS14
Description  This device contains six independent gates each of which performs the logic INVERT function
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74LS14 Datasheet(HTML) 1 Page - IK Semicon Co., Ltd

  IN74LS14 Datasheet HTML 1Page - IK Semicon Co., Ltd IN74LS14 Datasheet HTML 2Page - IK Semicon Co., Ltd IN74LS14 Datasheet HTML 3Page - IK Semicon Co., Ltd IN74LS14 Datasheet HTML 4Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA
IN74LS14
Hex Schmitt-Trigger Inverter
ORDERING INFORMATION
IN74LS14N Plastic
IN74LS14D
SOIC
TA = 0° to 70° C for all packages
This device contains six independent gates each of which performs the
logic INVERT function. Each input has hysteresis which increases the
noise immunity and transforms a slowly changing input signal to a fast
changing, jitter free output.
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
A
Y
L
H
H
L
Rev. 00


Similar Part No. - IN74LS14

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74LS14 INTEGRAL-IN74LS14 Datasheet
109Kb / 3P
Hex Schmitt-Trigger Inverter
IN74LS14D INTEGRAL-IN74LS14D Datasheet
109Kb / 3P
Hex Schmitt-Trigger Inverter
IN74LS14N INTEGRAL-IN74LS14N Datasheet
109Kb / 3P
Hex Schmitt-Trigger Inverter
More results

Similar Description - IN74LS14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5451 TI-SN5451 Datasheet
221Kb / 7P
AND-OR-INVERT GATES
SN74AC04DRG4 TI-SN74AC04DRG4 Datasheet
1Mb / 20P
The ?쁀C04 devices contain six independent inverters. The devices perform the Boolean function Y = A.
SN74AHCT1G04DCKR TI-SN74AHCT1G04DCKR Datasheet
867Kb / 13P
The SN74AHCT1G04 contains one gate. The device performs the Boolean function Y = A.
DAC5573EVM TI-DAC5573EVM Datasheet
323Kb / 26P
This document contains the following chapters
logo
IK Semicon Co., Ltd
IN74LS04 IKSEMICON-IN74LS04 Datasheet
156Kb / 4P
This device contains six independent inverts
IN74LS05 IKSEMICON-IN74LS05 Datasheet
159Kb / 4P
This device contains idenpendent inverts
IN74LS86 IKSEMICON-IN74LS86 Datasheet
177Kb / 4P
This device contains four independent 2-input Exclusive-OR gates
logo
Texas Instruments
54LS30 TI1-54LS30_11 Datasheet
370Kb / 8P
This device contains a single gate which performs the logic NAND function
SN5451 TI1-SN5451_15 Datasheet
956Kb / 20P
AND-OR-INVERT GATES
logo
Tyco Electronics
408-4785 MACOM-408-4785 Datasheet
97Kb / 2P
This instruction sheet contains the assembly
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com