Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35072 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M35072
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???????
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35072 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M35072 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M35072 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M35072 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M35072 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M35072 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M35072 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M35072 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35072 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35072 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
DESCRIPTION
The M35072-XXXFP is a character pattern display control IC can dis-
play on the display monitor. It can display 2 pages (24 characters
×
12 lines per 1 page) at the same time. It uses a silicon gate CMOS
process and it housed in a 20-pin shrink SOP package .
For M35072-002FP that is a standard ROM version of M35072-
XXXFP respectively, the character pattern is also mentioned.
FEATURES
• Screen composition ................ 24 characters × 12 lines × 2 pages
• Number of characters displayed.................. 288 (Max.) × 2 pages
• Character composition ..................................... 12 × 18 dot matrix
• Characters available................................ page 0 : 256 characters
page 1 : 256 characters
• Character sizes available .................... 4 (vertical) × 2 (horizontal)
• Display locations available
Horizontal direction .............................................. 2007 locations
Vertical direction .................................................. 1023 locations
• Blinking .................................................................. Character units
Cycle : division of vertical synchronization signal into 32 or 64
Duty
: 25%, 50%, or 75%
• Data input .................................. By the 16-bit serial input function
• Coloring
Character color ..................................................... Character unit
Background coloring ............................................. Character unit
Border (shadow) coloring ........................ 8 colors (RGB output)
Specified by register
Raster coloring ........................................ 8 colors (RGB output)
Specified by register
• Blanking
Character size blanking
Border size blanking
Matrix-outline blanking
All blanking (all raster area)
• Output ports
4 shared output ports (toggled between RGB output)
4 dedicated output ports
• Display RAM erase function
• Display input frequency range ............... FOSC = 20MHz to 80MHz
• Horizontal synchronous input frequency
........................................................ H.sync = 15 kHz to 130 kHz
• Display oscillation stop function
APPLICATION
Liquid crystal display, Plasma display
PIN CONFIGURATION (TOP VIEW)
Outline 20P2Q-A
MITSUBISHI MICROCOMPUTERS
M35072-XXXFP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CPOUT ←
VDD2
← VERT
← HOR
→ P5/B
→ P4
→ P3/G
→ P2
→ P1/R
→ P0/BLNK0
VSS1
VSS2
AC →
CS →
SCK →
SIN →
TCK →
VDD1
P6 ←
P7 ←
REV.1.1


Similar Part No. - M35072

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M35072 RENESAS-M35072 Datasheet
461Kb / 41P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35072-XXXFP RENESAS-M35072-XXXFP Datasheet
461Kb / 41P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
More results

Similar Description - M35072

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M35053 MITSUBISHI-M35053 Datasheet
298Kb / 47P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???
M35061 MITSUBISHI-M35061 Datasheet
273Kb / 41P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
M35062 MITSUBISHI-M35062 Datasheet
287Kb / 44P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
logo
Renesas Technology Corp
M35012-XXXSP RENESAS-M35012-XXXSP Datasheet
1Mb / 38P
SCREEN CHARACTER AND PATTERN DISPLAY CONTROLLERS
M35014-XXXSP RENESAS-M35014-XXXSP Datasheet
2Mb / 42P
SCREEN CHARACTER AND PATTERN DISPLAY CONTROLLERS
M35017-XXXSP RENESAS-M35017-XXXSP Datasheet
1Mb / 31P
SCREEN CHARACTER AND PATTERN DISPLAY CONTROLLERS
M35047-XXXSP RENESAS-M35047-XXXSP Datasheet
520Kb / 43P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35062 RENESAS-M35062 Datasheet
489Kb / 41P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35074 RENESAS-M35074 Datasheet
461Kb / 44P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35076 RENESAS-M35076 Datasheet
517Kb / 46P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com