Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G310 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # G310
Description  Anti-visible rays due to visible ray cut resin for detector type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

G310 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  G310 Datasheet HTML 1Page - KODENSHI_AUK CORP. G310 Datasheet HTML 2Page - KODENSHI_AUK CORP. G310 Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
G310
・ST310
Sep.2012
本資料に記載しております内容は、技術の改良、進歩等によって予告なしに変更されることがあります。ご使用の際には、仕様書をご用命のうえ、
内容の確認をお願い致します。
T
he contents of this data sheet are subject to change without advance notice for the purpose of improvement. When using this product,
would you please refer to the latest specifications.
PHOTOINTERRUPTERS
フォトインタラプタ
■許容コレクタ損失/周囲温度 PC /Ta
■順電流/順電圧特性 IF /VF
■応答時間/負荷抵抗特性 tr , tf/ R L
■相対変換効率/距離特性 CTR/L
■相対変換効率/順電流特性 CTR/I F
0
0
50
100
(mW)
20
40
60
80
100(℃)
周囲温度 Ta
Ambient temperature
0
0
50
100
0.5
1.0
1.5
2.0
(mA)
(V)
順電圧 V F
Forward voltage
Ta =25℃
負荷抵抗 R L
Load resistance
10 2
10 1
10 1
10 0
10 2
10 3
(μsec.)
10 3
10 4
(Ω)
tf
tr
IC =1.5mA
V CC =5V
Ta =25℃
50
0
50
100
(%)
100
150(mm)
0
移動距離 L
Moving distance
IF =10mA
Ta =25℃
51 0
15
20
60
100
80
40
(%)
20
25(mA)
0
順電流 IF
Forward current
=10mm
Ta =25℃
L



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com