Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY89809L Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY89809L
Description  3.3V 1:9 HIGH-PERFORMANCE, LOW-VOLTAGE BUS CLOCK DRIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89809L Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY89809L Datasheet HTML 1Page - Micrel Semiconductor SY89809L Datasheet HTML 2Page - Micrel Semiconductor SY89809L Datasheet HTML 3Page - Micrel Semiconductor SY89809L Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
ClockWorks™
SY89809L
Micrel
OE(1)
CLK_SEL
Q0 – Q8
/Q0 – /Q8
0
0
LOW
HIGH
0
1
LOW
HIGH
1
0
HSTL_CLK
/HSTL_CLK
1
1
LVPECL_CLK
/LVPECL_CLK
TRUTH TABLE
NOTE:
1. The OE (output enable) signal is synchronized with the low level of the
HSTL_CLK and LVPECL_CLK signal.
Level
Direction
Signal
HSTL
Input
HSTL_CLK, /HSTL_CLK
HSTL
Output
Q0 – Q8, /Q0 – /Q8
LVPECL
Input
LVPECL_CLK, /LVPECL_CLK
LVCMOS/LVTTL
Input
CLK_SEL, OE
SIGNAL GROUPS
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Rating
Value
Unit
VCCI, VCCO
VCC Pin Potential to Ground Pin
–0.5 to +4.0
V
VIN
Input Voltage
–0.5 to VCCI
V
IOUT
DC Output Current (Output HIGH)
–50
mA
Tstore
Storage Temperature
–65 to +150
°C
NOTE:
1. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections of this data book. Exposure to ABSOLUTE MAXIMUM RATING conditions
for extended periods may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
TA = 0°CTA = +25°CTA = +70°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
VOH
Output HIGH Voltage(1)
1.0
—
1.2
1.0
—
1.2
1.0
—
1.2
V
VOL
Output LOW Voltage(1)
0
—
0.4
0
—
0.4
0
—
0.4
V
VIH
Input HIGH Voltage
VX +0.1
—
1.6
VX +0.1
—
1.6
VX +0.1
—
1.6
V
VIL
Input LOW Voltage
–0.3
—
VX –0.1
–0.3
—
VX –0.1
–0.3
—
VX –0.1
V
VX
Input Crossover Voltage
0.68
—
0.9
0.68
—
0.9
0.68
—
0.9
V
IIH
Input HIGH Current
+20
—–350
+20
—–350
+20
—–350
µA
IIL
Input LOW Current
——
–500
——
–500
——
–500
µA
HSTL
TA = 0°CTA = +25°CTA = +70°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
VCCI
VCC Core
3.0
3.3
3.6
3.0
3.3
3.6
3.0
3.3
3.6
V
VCCO
VCC Output
1.6
1.8
2.0
1.6
1.8
2.0
1.6
1.8
2.0
V
ICCI
ICC Core
—
115
140
—
115
140
—
115
140
mA
Power Supply
NOTE:
1. Outputs loaded with 50
Ω to ground.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com