Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY89809L Datasheet (PDF) - Micrel Semiconductor

SY89809L Datasheet PDF - Micrel Semiconductor
Part # SY89809L
Download  SY89809L Download
File Size   78.67 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V 1:9 HIGH-PERFORMANCE, LOW-VOLTAGE BUS CLOCK DRIVER

SY89809L Datasheet (PDF)

Go To PDF Page Download Datasheet
SY89809L Datasheet PDF - Micrel Semiconductor

Part # SY89809L
Download  SY89809L Click to download

File Size   78.67 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V 1:9 HIGH-PERFORMANCE, LOW-VOLTAGE BUS CLOCK DRIVER

SY89809L Datasheet (HTML) - Micrel Semiconductor


SY89809L Product details

General Description
The SY89809L is a High-Performance Bus Clock Driver with 9 differential HSTL (High-Speed Transceiver Logic) output pairs. The part is designed for use in low-voltage (3.3V/1.8V) applications, which require a large number of outputs to drive precisely aligned, ultra-low skew signals to their destination. The input is multiplexed from either HSTL or LVPECL (Low-Voltage Positive-Emitter-Coupled Logic) by the CLK_SEL pin. The Output Enable (OE) is synchronous so that the outputs will only be enabled/disabled when they are already in the LOW state. This avoids any chance of generating a runt clock pulse when the device is enabled/disabled as can happen with an asynchronous control.

Features
• 3.3V core supply, 1.8V output supply for reduced power
• LVPECL and HSTL inputs
• 9 differential HSTL (low-voltage swing) output pairs
• HSTL outputs drive 50Ω-to-ground with no offset voltage
• 500MHz maximum clock frequency
• Low part-to-part skew (200ps max.)
• Low pin-to-pin skew (50ps max.)
• Available in 32-pin TQFP

Applications
• High-performance PCs
• Workstations
• Parallel processor-based systems
• Other high-performance computing
• Communications




Similar Part No. - SY89809L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89809L MICREL-SY89809L Datasheet
104Kb / 7P
3.3V 1:9 HIGH-PERFORMANCE, LOW-VOLTAGE BUS CLOCK DRIVER
SY89809LTC MICREL-SY89809LTC Datasheet
104Kb / 7P
3.3V 1:9 HIGH-PERFORMANCE, LOW-VOLTAGE BUS CLOCK DRIVER
SY89809LTC MICREL-SY89809LTC Datasheet
309Kb / 8P
3.3V 1:9 High-Performance, Low-Voltage Bus Clock Driver
SY89809LTCTR MICREL-SY89809LTCTR Datasheet
104Kb / 7P
3.3V 1:9 HIGH-PERFORMANCE, LOW-VOLTAGE BUS CLOCK DRIVER
SY89809LTCTR MICREL-SY89809LTCTR Datasheet
309Kb / 8P
3.3V 1:9 High-Performance, Low-Voltage Bus Clock Driver
More results


Similar Description - SY89809L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89824L MICREL-SY89824L Datasheet
64Kb / 4P
3.3V 1:22 HIGH-PERFORMANCE, LOW VOLTAGE BUS CLOCK DRIVER
SY89825U MICREL-SY89825U Datasheet
59Kb / 8P
2.5/3.3V 1:22 HIGH-PERFORMANCE, LOW-VOLTAGE PECL BUS CLOCK DRIVER & TRANSLATOR w/ INTERNAL TERMINATION
logo
ON Semiconductor
MC100LVE111 ONSEMI-MC100LVE111_06 Datasheet
130Kb / 8P
3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY89809L MICREL-SY89809L_05 Datasheet
104Kb / 7P
3.3V 1:9 HIGH-PERFORMANCE, LOW-VOLTAGE BUS CLOCK DRIVER
SY89824L MICREL-SY89824L_07 Datasheet
94Kb / 7P
3.3V 1:22 HIGH-PERFORMANCE, LOW VOLTAGE BUS CLOCK DRIVER
SY89825U MICREL-SY89825U_07 Datasheet
64Kb / 9P
2.5/3.3V 1:22 HIGH-PERFORMANCE, LOW-VOLTAGE PECL BUS CLOCK DRIVER & TRANSLATOR w/ INTERNAL TERMINATION
logo
Potato Semiconductor Co...
PO74G2309A POTATO-PO74G2309A Datasheet
554Kb / 6P
3.3V 1:9 CMOS Clock Buffered Driver
logo
Micrel Semiconductor
SY10E111AE MICREL-SY10E111AE_09 Datasheet
157Kb / 7P
5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER
SY89809L MICREL-SY89809L_09 Datasheet
309Kb / 8P
3.3V 1:9 High-Performance, Low-Voltage Bus Clock Driver
logo
ON Semiconductor
MC100LVE111 ONSEMI-MC100LVE111_13 Datasheet
132Kb / 8P
3.3V ECL 1:9 Differential Clock Driver
April, 2013 ??Rev. 8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com