Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY89824L Datasheet (PDF) - Micrel Semiconductor

SY89824L Datasheet PDF - Micrel Semiconductor
Part # SY89824L
Download  SY89824L Download
File Size   64.0 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V 1:22 HIGH-PERFORMANCE, LOW VOLTAGE BUS CLOCK DRIVER

SY89824L Datasheet (PDF)

Go To PDF Page Download Datasheet
SY89824L Datasheet PDF - Micrel Semiconductor

Part # SY89824L
Download  SY89824L Click to download

File Size   64.0 Kbytes
Page   4 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3.3V 1:22 HIGH-PERFORMANCE, LOW VOLTAGE BUS CLOCK DRIVER

SY89824L Datasheet (HTML) - Micrel Semiconductor


SY89824L Product details

DESCRIPTION
The SY89824L is a High Performance Bus Clock Driver with 22 differential HSTL (High Speed Transceiver Logic) output pairs. The part is designed for use in low voltage (3.3V/1.8V) applications which require a large number of outputs to drive precisely aligned, ultra low skew signals to their destination. The input is multiplexed from either HSTL or LVPECL (Low Voltage Positive Emitter Coupled Logic) by the CLK_SEL pin. The Output Enable (OE) is synchronous so that the outputs will only be enabled/ disabled when they are already in the LOW state. This avoids any chance of generating a runt clock pulse when the device is enabled/disabled as can happen with an asynchronous control.

FEATURES
■ 3.3V core supply, 1.8V output supply for reduced power
■ LVPECL and HSTL inputs
■ 22 differential HSTL (low-voltage swing) output pairs
■ HSTL outputs drive 50Ω to ground with no offset voltage
■ Low part-to-part skew (200ps max.)
■ Low pin-to-pin skew (50ps max.)
■ Available in a 64-Pin EPAD-TQFP

APPLICATIONS
■ High-performance PCs
■ Workstations
■ Parallel processor-based systems
■ Other high-performance computing
■ Communications




Similar Part No. - SY89824L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89824L MICREL-SY89824L Datasheet
94Kb / 7P
3.3V 1:22 HIGH-PERFORMANCE, LOW VOLTAGE BUS CLOCK DRIVER
SY89824LHC MICREL-SY89824LHC Datasheet
94Kb / 7P
3.3V 1:22 HIGH-PERFORMANCE, LOW VOLTAGE BUS CLOCK DRIVER
SY89824LHCTR MICREL-SY89824LHCTR Datasheet
94Kb / 7P
3.3V 1:22 HIGH-PERFORMANCE, LOW VOLTAGE BUS CLOCK DRIVER
SY89824LHZ MICREL-SY89824LHZ Datasheet
94Kb / 7P
3.3V 1:22 HIGH-PERFORMANCE, LOW VOLTAGE BUS CLOCK DRIVER
SY89824LHZTR MICREL-SY89824LHZTR Datasheet
94Kb / 7P
3.3V 1:22 HIGH-PERFORMANCE, LOW VOLTAGE BUS CLOCK DRIVER
More results


Similar Description - SY89824L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89809L MICREL-SY89809L Datasheet
78Kb / 4P
3.3V 1:9 HIGH-PERFORMANCE, LOW-VOLTAGE BUS CLOCK DRIVER
logo
Pericom Semiconductor C...
PI49FCT32807 PERICOM-PI49FCT32807 Datasheet
383Kb / 6P
3.3V 1:10 CMOS Clock Driver
logo
Micrel Semiconductor
SY89825U MICREL-SY89825U Datasheet
59Kb / 8P
2.5/3.3V 1:22 HIGH-PERFORMANCE, LOW-VOLTAGE PECL BUS CLOCK DRIVER & TRANSLATOR w/ INTERNAL TERMINATION
logo
Motorola, Inc
MC100EP223 MOTOROLA-MC100EP223 Datasheet
90Kb / 8P
Low-Voltage 1:22 Differential PECL/HSTL Clock Driver
logo
Micrel Semiconductor
SY89809L MICREL-SY89809L_05 Datasheet
104Kb / 7P
3.3V 1:9 HIGH-PERFORMANCE, LOW-VOLTAGE BUS CLOCK DRIVER
SY89824L MICREL-SY89824L_07 Datasheet
94Kb / 7P
3.3V 1:22 HIGH-PERFORMANCE, LOW VOLTAGE BUS CLOCK DRIVER
SY89825U MICREL-SY89825U_07 Datasheet
64Kb / 9P
2.5/3.3V 1:22 HIGH-PERFORMANCE, LOW-VOLTAGE PECL BUS CLOCK DRIVER & TRANSLATOR w/ INTERNAL TERMINATION
logo
Potato Semiconductor Co...
PO74G38074A POTATO-PO74G38074A Datasheet
478Kb / 5P
3.3V 1:4 CMOS Clock Driver
logo
Micrel Semiconductor
SY89809L MICREL-SY89809L_09 Datasheet
309Kb / 8P
3.3V 1:9 High-Performance, Low-Voltage Bus Clock Driver
logo
Renesas Technology Corp
2304NZL RENESAS-2304NZL Datasheet
533Kb / 16P
1.8V to 3.3V, High-Performance 1:4 Clock Buffer
JANUARY 31, 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com