Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA256IP Datasheet(PDF) 7 Page - Microchip Technology

Part # 24AA256IP
Description  256K I 2 C CMOS Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA256IP Datasheet(HTML) 7 Page - Microchip Technology

Back Button 24AA256IP Datasheet HTML 3Page - Microchip Technology 24AA256IP Datasheet HTML 4Page - Microchip Technology 24AA256IP Datasheet HTML 5Page - Microchip Technology 24AA256IP Datasheet HTML 6Page - Microchip Technology 24AA256IP Datasheet HTML 7Page - Microchip Technology 24AA256IP Datasheet HTML 8Page - Microchip Technology 24AA256IP Datasheet HTML 9Page - Microchip Technology 24AA256IP Datasheet HTML 10Page - Microchip Technology 24AA256IP Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
© 1998 Microchip Technology Inc.
DS21203C-page 7
24AA256/24LC256
6.0
WRITE OPERATIONS
6.1
Byte Write
Following the start condition from the master, the
control code (four bits), the chip select (three bits), and
the R/W bit (which is a logic low) are clocked onto the
bus by the master transmitter. This indicates to the
addressed slave receiver that the address high byte will
follow after it has generated an acknowledge bit during
the ninth clock cycle. Therefore the next byte
transmitted by the master is the high-order byte of the
word address and will be written into the address
pointer of the 24xx256. The next byte is the least signif-
icant address byte. After receiving another acknowl-
edge signal from the 24xx256, the master device will
transmit the data word to be written into the addressed
memory location. The 24xx256 acknowledges again
and the master generates a stop condition. This ini-
tiates the internal write cycle, and, during this time, the
24xx256 will not generate acknowledge signals
(Figure 6-1). If an attempt is made to write to the array
with the WP pin held high, the device will acknowledge
the command but no write cycle will occur, no data will
be written, and the device will immediately accept a
new command. After a byte write command, the inter-
nal address counter will point to the address location
following the one that was just written.
6.2
Page Write
The write control byte, word address, and the first data
byte are transmitted to the 24xx256 in the same way as
in a byte write. But instead of generating a stop condi-
tion, the master transmits up to 63 additional bytes,
which are temporarily stored in the on-chip page buffer
and will be written into memory after the master has
transmitted a stop condition. After receipt of each word,
the six lower address pointer bits are internally incre-
mented by one. If the master should transmit more than
64 bytes prior to generating the stop condition, the
address counter will roll over and the previously
received data will be overwritten. As with the byte write
operation, once the stop condition is received, an inter-
nal write cycle will begin (Figure 6-2). If an attempt is
made to write to the array with the WP pin held high, the
device will acknowledge the command but no write
cycle will occur, no data will be written, and the device
will immediately accept a new command subject to
TBUF.
6.3
Write Protection
The WP pin allows the user to write-protect the entire
array (0000-7FFF) when the pin is tied to VCC. If tied to
VSS or left floating, the write protection is disabled. The
WP pin is sampled at the STOP bit for every write com-
mand (Figure 1-1) Toggling the WP pin after the STOP
bit will have no effect on the execution of the write cycle.
FIGURE 6-1:
BYTE WRITE
FIGURE 6-2:
PAGE WRITE
X
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
S
T
A
R
T
CONTROL
BYTE
ADDRESS
HIGH BYTE
ADDRESS
LOW BYTE
DATA
S
T
O
P
A
C
K
A
C
K
A
C
K
A
C
K
X = don’t care bit
S 1010
0
A
2
A
1
A
0
P
X
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
S
T
A
R
T
CONTROL
BYTE
ADDRESS
HIGH BYTE
ADDRESS
LOW BYTE
DATA BYTE 0
S
T
O
P
A
C
K
A
C
K
A
C
K
A
C
K
DATA BYTE 63
A
C
K
X = don’t care bit
S 1 010
0
A
2
A
1
A
0
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com