Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA256IP Datasheet(PDF) 1 Page - Microchip Technology

Part # 24AA256IP
Description  256K I 2 C CMOS Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA256IP Datasheet(HTML) 1 Page - Microchip Technology

  24AA256IP Datasheet HTML 1Page - Microchip Technology 24AA256IP Datasheet HTML 2Page - Microchip Technology 24AA256IP Datasheet HTML 3Page - Microchip Technology 24AA256IP Datasheet HTML 4Page - Microchip Technology 24AA256IP Datasheet HTML 5Page - Microchip Technology 24AA256IP Datasheet HTML 6Page - Microchip Technology 24AA256IP Datasheet HTML 7Page - Microchip Technology 24AA256IP Datasheet HTML 8Page - Microchip Technology 24AA256IP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 1998 Microchip Technology Inc.
DS21203C-page 1
M
24AA256/24LC256
DEVICE SELECTION TABLE
FEATURES
• Low power CMOS technology
- Maximum write current 3 mA at 5.5V
- Maximum read current 400
µA at 5.5V
- Standby current 100 nA typical at 5.5V
• 2-wire serial interface bus, I2C compatible
• Cascadable for up to eight devices
• Self-timed ERASE/WRITE cycle
• 64-byte page-write mode available
• 5 ms max write-cycle time
• Hardware write protect for entire array
• Schmitt trigger inputs for noise suppression
• 100,000 erase/write cycles guaranteed
• Electrostatic discharge protection > 4000V
• Data retention > 200 years
• 8-pin PDIP and SOIC (208 mil) packages
• Temperature ranges:
DESCRIPTION
The Microchip Technology Inc. 24AA256/24LC256
(24xx256*) is a 32K x 8 (256K bit) Serial Electrically
Erasable PROM, capable of operation across a broad
voltage range (1.8V to 5.5V). It has been developed for
advanced, low power applications such as personal
communications or data acquisition. This device also
has a page-write capability of up to 64 bytes of data.
This device is capable of both random and sequential
reads up to the 256K boundary. Functional address
lines allow up to eight devices on the same bus, for up
to 2 Mbit address space. This device is available in the
standard 8-pin plastic DIP, and 8-pin SOIC (208 mil)
packages.
PACKAGE TYPE
BLOCK DIAGRAM
Part
Number
VCC
Range
Max Clock
Frequency
Temp
Ranges
24AA256
1.8-5.5V
400 kHz†
I
24LC256
2.5-5.5V
400 kHz‡
I, E
† 100 kHz for VCC < 2.5V.
‡ 100 kHz for E temperature range.
- Industrial (I):
-40
°C to +85°C
- Automotive (E):
-40
°C to +125°C
A0
A1
A2
Vss
Vcc
WP
SCL
SDA
1
2
3
4
8
7
6
5
PDIP
A0
A1
A2
VSS
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
SOIC
HV GENERATOR
EEPROM
ARRAY
PAGE LATCHES
YDEC
XDEC
SENSE AMP
R/W CONTROL
MEMORY
CONTROL
LOGIC
I/O
CONTROL
LOGIC
A0…A2
SDA
SCL
VCC
VSS
WP
I/O
256K I2C™CMOS Serial EEPROM
I2C is a trademark of Philips Corporation.
*24xx256 is used in this document as a generic part number for the 24AA256/24LC256 devices.


Similar Part No. - 24AA256IP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA256I/MF MICROCHIP-24AA256I/MF Datasheet
700Kb / 34P
256K I2C CMOS Serial EEPROM
01/05/10
24AA256I/MS MICROCHIP-24AA256I/MS Datasheet
700Kb / 34P
256K I2C CMOS Serial EEPROM
01/05/10
24AA256I/P MICROCHIP-24AA256I/P Datasheet
700Kb / 34P
256K I2C CMOS Serial EEPROM
01/05/10
24AA256I/SM MICROCHIP-24AA256I/SM Datasheet
700Kb / 34P
256K I2C CMOS Serial EEPROM
01/05/10
24AA256I/SN MICROCHIP-24AA256I/SN Datasheet
700Kb / 34P
256K I2C CMOS Serial EEPROM
01/05/10
More results

Similar Description - 24AA256IP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA128 MICROCHIP-24AA128 Datasheet
185Kb / 12P
128K I 2 C ??CMOS Serial EEPROM
1998
24AA64 MICROCHIP-24AA64 Datasheet
215Kb / 12P
64K I 2 C ??CMOS Serial EEPROM
2007
24LC256 MICROCHIP-24LC256 Datasheet
700Kb / 34P
256K I2C??CMOS Serial EEPROM
2010
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISN MICROCHIP-24LC256ISN Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISNG MICROCHIP-24LC256ISNG Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24LC256TISM MICROCHIP-24LC256TISM Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
logo
Holtek Semiconductor In...
HT24LC256 HOLTEK-HT24LC256 Datasheet
1Mb / 12P
CMOS 256K 2-Wire Serial EEPROM
logo
Microchip Technology
24AA256-I MICROCHIP-24AA256-I Datasheet
700Kb / 34P
256K I2C CMOS Serial EEPROM
01/05/10
logo
Holtek Semiconductor In...
HT24LC256 HOLTEK-HT24LC256_15 Datasheet
1Mb / 12P
CMOS 256K 2-Wire Serial EEPROM
March 12, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com