Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C01SC Datasheet(PDF) 1 Page - Microchip Technology

Part # 24C01SC
Description  1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C01SC Datasheet(HTML) 1 Page - Microchip Technology

  24C01SC Datasheet HTML 1Page - Microchip Technology 24C01SC Datasheet HTML 2Page - Microchip Technology 24C01SC Datasheet HTML 3Page - Microchip Technology 24C01SC Datasheet HTML 4Page - Microchip Technology 24C01SC Datasheet HTML 5Page - Microchip Technology 24C01SC Datasheet HTML 6Page - Microchip Technology 24C01SC Datasheet HTML 7Page - Microchip Technology 24C01SC Datasheet HTML 8Page - Microchip Technology 24C01SC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS21170A-page 1
FEATURES
• ISO Standard 7816 pad locations
• Low power CMOS technology
- 1 mA active current typical
- 10
µA standby current typical at 5.5V
• Organized as a single block of 128 bytes (128 x 8)
or 256 bytes (256 x 8)
• Two-wire serial interface bus, I2C
™ compatible
• 100 kHz and 400 kHz compatibility
• Self-timed write cycle (including auto-erase)
• Page-write buffer for up to 8 bytes
• 2 ms typical write cycle time for page-write
• ESD protection > 4 kV
• 1,000,000 E/W cycles guaranteed
• Data retention > 200 years
• Available for extended temperature ranges
DESCRIPTION
The
Microchip
Technology
Inc.
24C01SC
and
24C02SC are 1K-bit and 2K-bit Electrically Erasable
PROMs with bondpad positions optimized for smart
card applications. The devices are organized as a sin-
gle block of 128 x 8-bit or 256 x 8-bit memory with a
two-wire serial interface. The 24C01SC and 24C02SC
also have page-write capability for up to 8 bytes of data.
- Commercial (C):
0
°C to +70°C
DIE LAYOUT
BLOCK DIAGRAM
SDA
DC
VCC
SCL
VSS
HV GENERATOR
EEPROM
ARRAY
PAGE LATCHES
YDEC
XDEC
SENSE AMP
R/W CONTROL
MEMORY
CONTROL
LOGIC
I/O
CONTROL
LOGIC
SDA
SCL
VCC
VSS
1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
24C01SC/02SC
I2C is a trademark of Philips Corporation.
This document was created with FrameMaker404


Similar Part No. - 24C01SC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C01SC MICROCHIP-24C01SC Datasheet
227Kb / 16P
1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
2004
24C01SC-/S MICROCHIP-24C01SC-/S Datasheet
227Kb / 16P
1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
2004
24C01SC-/S08 MICROCHIP-24C01SC-/S08 Datasheet
227Kb / 16P
1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
2004
24C01SC-/W MICROCHIP-24C01SC-/W Datasheet
227Kb / 16P
1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
2004
24C01SC-/W08 MICROCHIP-24C01SC-/W08 Datasheet
227Kb / 16P
1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
2004
More results

Similar Description - 24C01SC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24C01A MICROCHIP-24C01A Datasheet
77Kb / 12P
1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
24C01SC MICROCHIP-24C01SC_04 Datasheet
227Kb / 16P
1K/2K 5.0V I2C Serial EEPROMs for Smart Cards
2004
24C01C MICROCHIP-24C01C_07 Datasheet
385Kb / 24P
1K 5.0V I2C ??Serial EEPROM
2007
24C01B MICROCHIP-24C01B_04 Datasheet
110Kb / 10P
1K/2K 5.0V I2C??Serial EEPROM
2004
24C02C MICROCHIP-24C02C_07 Datasheet
394Kb / 24P
2K 5.0V I2C??Serial EEPROM
2007
24C01C MICROCHIP-24C01C_08 Datasheet
521Kb / 30P
1K 5.0V I2C??Serial EEPROM
2008
24C02C MICROCHIP-24C02C_08 Datasheet
523Kb / 30P
2K 5.0V I2C??Serial EEPROM
2008
24C01CSN MICROCHIP-24C01CSN Datasheet
978Kb / 36P
1K 5.0V I2C??Serial EEPROM
1997-2012
24C02C-ISN MICROCHIP-24C02C-ISN Datasheet
523Kb / 30P
2K 5.0V I2C??Serial EEPROM
2008
24C02CT MICROCHIP-24C02CT Datasheet
624Kb / 28P
2K 5.0V I2C Serial EEPROM
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com