Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC21 Datasheet(PDF) 4 Page - Microchip Technology

Part # 24LC21
Description  1K 2.5V Dual Mode I 2 C Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC21 Datasheet(HTML) 4 Page - Microchip Technology

  24LC21 Datasheet HTML 1Page - Microchip Technology 24LC21 Datasheet HTML 2Page - Microchip Technology 24LC21 Datasheet HTML 3Page - Microchip Technology 24LC21 Datasheet HTML 4Page - Microchip Technology 24LC21 Datasheet HTML 5Page - Microchip Technology 24LC21 Datasheet HTML 6Page - Microchip Technology 24LC21 Datasheet HTML 7Page - Microchip Technology 24LC21 Datasheet HTML 8Page - Microchip Technology 24LC21 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
24LC21
DS21095F-page 4
© 1996 Microchip Technology Inc.
2.0
FUNCTIONAL DESCRIPTION
The 24LC21 operates in two modes, the Transmit-Only
Mode and the Bi-Directional Mode. There is a separate
two wire protocol to support each mode, each having a
separate clock input and sharing a common data line
(SDA). The device enters the Transmit-Only Mode upon
power-up. In this mode, the device transmits data bits
on the SDA pin in response to a clock signal on the
VCLK pin. The device will remain in this mode until a
valid high to low transition is placed on the SCL input.
When a valid transition on SCL is recognized, the
device will switch into the Bi-Directional Mode. The only
way to switch the device back to the Transmit-Only
Mode is to remove power from the device.
2.1
Transmit-Only Mode
The device will power up in the Transmit-Only Mode.
This mode supports a unidirectional two wire protocol
for transmission of the contents of the memory array.
This device requires that it be initialized prior to valid
data being sent in the Transmit-Only Mode (see Initial-
ization Procedure, below). In this mode, data is trans-
mitted on the SDA pin in 8 bit bytes, each followed by a
ninth, null bit (see Figure 2-1). The clock source for the
Transmit-Only Mode is provided on the VCLK pin, and
a data bit is output on the rising edge on this pin. The
eight bits in each byte are transmitted most significant
bit first. Each byte within the memory array will be out-
put in sequence. When the last byte in the memory
array is transmitted, the output will wrap around to the
first location and continue. The Bi-Directional Mode
Clock (SCL) pin must be held high for the device to
remain in the Transmit-Only Mode.
2.2
Initialization Procedure
After VCC has stabilized, the device will be in the Trans-
mit-Only Mode. Nine clock cycles on the VCLK pin must
be given to the device for it to perform internal synchro-
nization. During this period, the SDA pin will be in a high
impedance state. On the rising edge of the tenth clock
cycle, the device will output the first valid data bit which
will be the most significant bit of a byte. The device will
power up at an indeterminate byte address. (See
Figure 2-2).
FIGURE 2-1:
TRANSMIT ONLY MODE
FIGURE 2-2:
DEVICE INITIALIZATION
SCL
SDA
VCLK
TVAA
TVAA
BIT 1 (LSB)
NULL BIT
BIT 1 (MSB)
BIT 7
TVLOW
TVHIGH
TVAA
TVAA
BIT 8BIT 7
HIGH IMPEDANCE FOR 9 CLOCK CYCLES
TVPU
12
89
10
11
SCL
SDA
VCLK
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com