Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC21 Datasheet(PDF) 10 Page - Microchip Technology

Part # 24LC21
Description  1K 2.5V Dual Mode I 2 C Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC21 Datasheet(HTML) 10 Page - Microchip Technology

Back Button 24LC21 Datasheet HTML 4Page - Microchip Technology 24LC21 Datasheet HTML 5Page - Microchip Technology 24LC21 Datasheet HTML 6Page - Microchip Technology 24LC21 Datasheet HTML 7Page - Microchip Technology 24LC21 Datasheet HTML 8Page - Microchip Technology 24LC21 Datasheet HTML 9Page - Microchip Technology 24LC21 Datasheet HTML 10Page - Microchip Technology 24LC21 Datasheet HTML 11Page - Microchip Technology 24LC21 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
24LC21
DS21095F-page 10
© 1996 Microchip Technology Inc.
FIGURE 7-3:
SEQUENTIAL READ
P
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
S
T
O
P
CONTROL
BYTE
A
C
K
N
O
A
C
K
DATA n
DATA n + 1
DATA n + 2
DATA n + X
A
C
K
A
C
K
A
C
K
8.0
PIN DESCRIPTIONS
8.1
SDA
This pin is used to transfer addresses and data into and
out of the device, when the device is in the Bi-Direc-
tional Mode. In the Transmit-Only Mode, which only
allows data to be read from the device, data is also
transferred on the SDA pin. This pin is an open drain
terminal, therefore the SDA bus requires a pullup resis-
tor to VCC (typical 10K
Ω for 100 kHz, 1KΩ for 400 kHz).
For normal data transfer in the Bi-Directional Mode,
SDA is allowed to change only during SCL low.
Changes during SCL high are reserved for indicating
the START and STOP conditions.
8.2
SCL
This pin is the clock input for the Bi-Directional Mode,
and is used to synchronize data transfer to and from the
device. It is also used as the signaling input to switch
the device from the Transmit Only Mode to the Bi-Direc-
tional Mode. It must remain high for the chip to continue
operation in the Transmit Only Mode.
8.3
VCLK
This pin is the clock input for the Transmit Only Mode.
In the Transmit Only Mode, each bit is clocked out on
the rising edge of this signal. In the Bi-Directional
Mode, a high logic level is required on this pin to enable
write capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com