Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LCS21 Datasheet(PDF) 10 Page - Microchip Technology

Part # 24LCS21
Description  1K 2.5V Dual Mode I 2 C Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LCS21 Datasheet(HTML) 10 Page - Microchip Technology

Back Button 24LCS21 Datasheet HTML 4Page - Microchip Technology 24LCS21 Datasheet HTML 5Page - Microchip Technology 24LCS21 Datasheet HTML 6Page - Microchip Technology 24LCS21 Datasheet HTML 7Page - Microchip Technology 24LCS21 Datasheet HTML 8Page - Microchip Technology 24LCS21 Datasheet HTML 9Page - Microchip Technology 24LCS21 Datasheet HTML 10Page - Microchip Technology 24LCS21 Datasheet HTML 11Page - Microchip Technology 24LCS21 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
24LCS21
DS21127B-page 10
© 1996 Microchip Technology Inc.
7.3
Sequential Read
Sequential reads are initiated in the same way as a
random read except that after the 24LCS21 transmits
the first data byte, the master issues an acknowledge
as opposed to a stop condition in a random read. This
directs the 24LCS21 to transmit the next sequentially
addressed 8-bit word (Figure 8-1).
To provide sequential reads the 24LCS21 contains an
internal address pointer which is incremented by one at
the completion of each operation. This address pointer
allows the entire memory contents to be serially read
during one operation.
7.4
Noise Protection
The 24LCS21 employs a VCC threshold detector circuit
which disables the internal erase/write logic if the VCC
is below 1.5 volts at nominal conditions.
The SDA, SCL and VCLK inputs have Schmitt trigger
and filter circuits which suppress noise spikes to assure
proper device operation even on a noisy bus.
8.0
PIN DESCRIPTIONS
8.1
SDA
This pin is used to transfer addresses and data into and
out of the device, when the device is in the bi-directional
Mode. In the Transmit-Only Mode, which only allows
data to be read from the device, data is also transferred
on the SDA pin. This pin is an open drain terminal,
therefore the SDA bus requires a pullup resistor to VCC
(typical 10 K
Ω for 100 kHz, 1 KΩ for 400 kHz).
For normal data transfer in the bi-directional Mode,
SDA is allowed to change only during SCL low.
Changes during SCL high are reserved for indicating
the START and STOP conditions.
8.2
SCL
This pin is the clock input for the bi-directional Mode,
and is used to synchronize data transfer to and from the
device. It is also used as the signaling input to switch
the device from the Transmit Only Mode to the bi-direc-
tional Mode. It must remain high for the chip to continue
operation in the Transmit Only Mode.
8.3
VCLK
This pin is the clock input for the Transmit Only Mode
(DDC1). In the Transmit Only Mode, each bit is clocked
out on the rising edge of this signal. In the bi-directional
Mode, a high logic level is required on this pin to enable
write capability.
8.4
WP
This pin is used for flexible write protection of the
24LCS21. When the last memory location (7Fh) is
written with any data, this pin is enabled and
determines the write capability of the 24LCS21
(Figure 6-1).
The WP pin has an internal pull up resistor which will
allow write capability (assuming VCLK = 1) at all times
if this pin is floated.
FIGURE 8-1: SEQUENTIAL READ
A
C
K
P
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
CONTROL
BYTE
DATA n
DATA n+1
DATA n+2
DATA n+X
A
C
K
A
C
K
A
C
K
N
O
A
C
K
S
T
O
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com