Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LCS21 Datasheet(PDF) 1 Page - Microchip Technology

Part # 24LCS21
Description  1K 2.5V Dual Mode I 2 C Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LCS21 Datasheet(HTML) 1 Page - Microchip Technology

  24LCS21 Datasheet HTML 1Page - Microchip Technology 24LCS21 Datasheet HTML 2Page - Microchip Technology 24LCS21 Datasheet HTML 3Page - Microchip Technology 24LCS21 Datasheet HTML 4Page - Microchip Technology 24LCS21 Datasheet HTML 5Page - Microchip Technology 24LCS21 Datasheet HTML 6Page - Microchip Technology 24LCS21 Datasheet HTML 7Page - Microchip Technology 24LCS21 Datasheet HTML 8Page - Microchip Technology 24LCS21 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 1996 Microchip Technology Inc.
DS21127B-page 1
FEATURES
• Completely implements DDC1
™/DDC2™
interface for monitor identification
• Hardware write-protect pin
• Single supply with operation down to 2.5V
• Low power CMOS technology
- 1 mA active current typical
- 10
µA standby current typical at 5.5V
• 2-wire serial interface bus, I2C
™ compatible (SCL)
• Self-timed write cycle (including auto-erase)
• Page-write buffer for up to 8 bytes
• 100 kHz (2.5V) and 400 kHz (5V) compatibility
(SCL)
• 10,000,000 erase/write cycles guaranteed
• Data retention > 200 years
• 8-pin PDIP and SOIC package
• Available for extended temperature ranges
DESCRIPTION
The
Microchip
Technology
Inc.
24LCS21
is
a
128 x 8-bit dual-mode Electrically Erasable PROM.
This device is designed for use in applications requiring
storage and serial transmission of configuration and
control information. Two modes of operation have been
implemented: Transmit Only Mode and bi-directional
Mode. Upon power-up, the device will be in the Transmit
Only Mode, sending a serial bit stream of the entire
memory array contents, clocked by the VCLK pin. A
valid high to low transition on the SCL pin will cause the
device to enter the bi-directional Mode, with byte select-
able read/write capability of the memory array in stan-
dard I2C protocol.
The 24LCS21 also enables the user to write-protect the
entire memory contents using its write-protect pin. The
24LCS21 is available in a standard 8-pin PDIP and
SOIC package in both commercial and industrial
temperature ranges.
- Commercial (C):
0
°C to +70°C
- Industrial (I)
-40
°C to +85°C
PACKAGE TYPES
BLOCK DIAGRAM
SOIC
1
2
3
4
8
7
6
5
VCC
VCLK
SCL
SDA
NC
NC
WP
VSS
PDIP
1
2
3
4
8
7
6
5
VCC
VCLK
SCL
SDA
NC
NC
WP
VSS
I/O
CONTROL
LOGIC
EEPROM
ARRAY
PAGE LATCHES
HV GENERATOR
SENSE AMP
R/W CONTROL
MEMORY
CONTROL
LOGIC
XDEC
YDEC
VCC
VSS
SDA SCL
VCLK
WP
24LCS21
1K 2.5V Dual Mode I2C™ Serial EEPROM
DDC is a trademark of the Video Electronics Standards Association.
I2C is a trademark of Philips Corporation.
This document was created with FrameMaker404


Similar Part No. - 24LCS21

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LCS21 MICROCHIP-24LCS21 Datasheet
378Kb / 24P
1K 2.5V Dual Mode I 2 C Serial EEPROM
2005
24LCS21-/P MICROCHIP-24LCS21-/P Datasheet
378Kb / 24P
1K 2.5V Dual Mode I 2 C Serial EEPROM
2005
24LCS21-/SN MICROCHIP-24LCS21-/SN Datasheet
378Kb / 24P
1K 2.5V Dual Mode I 2 C Serial EEPROM
2005
24LCS21-I/P MICROCHIP-24LCS21-I/P Datasheet
378Kb / 24P
1K 2.5V Dual Mode I 2 C Serial EEPROM
2005
24LCS21-I/SN MICROCHIP-24LCS21-I/SN Datasheet
378Kb / 24P
1K 2.5V Dual Mode I 2 C Serial EEPROM
2005
More results

Similar Description - 24LCS21

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC21 MICROCHIP-24LC21 Datasheet
81Kb / 12P
1K 2.5V Dual Mode I 2 C Serial EEPROM
2004
24LC21A MICROCHIP-24LC21A Datasheet
115Kb / 16P
1K 2.5V Dual Mode I 2 C Serial EEPROM
2003
24LC41 MICROCHIP-24LC41 Datasheet
98Kb / 12P
1K/4K 2.5V Dual Mode, Dual Port I 2 C Serial EEPROM
1996
24LCS21A MICROCHIP-24LCS21A Datasheet
115Kb / 16P
1K 2.5V Dual Mode I 2 C Serial EEPROM
1996
24LC21 MICROCHIP-24LC21_04 Datasheet
306Kb / 24P
1K 2.5V Dual Mode I2C Serial EEPROM
2004
24LCS21 MICROCHIP-24LCS21_05 Datasheet
378Kb / 24P
1K 2.5V Dual Mode I 2 C Serial EEPROM
2005
24LC21A MICROCHIP-24LC21A_03 Datasheet
239Kb / 18P
1K 2.5V Dual Mode I 2 C Serial EEPROM
2003
24LCS21A MICROCHIP-24LCS21A_05 Datasheet
349Kb / 20P
1K 2.5V Dual Mode I2C??Serial EEPROM
2005
24LC21 MICROCHIP-24LC21_13 Datasheet
379Kb / 24P
1K 2.5V Dual Mode I2C??Serial EEPROM
10/26/12
24LC21A MICROCHIP-24LC21A Datasheet
180Kb / 18P
1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com