Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C01A-ESL Datasheet(PDF) 3 Page - Microchip Technology

Part # 24C01A-ESL
Description  1K/2K/4K 5.0V I 2 C O Serial EEPROMs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C01A-ESL Datasheet(HTML) 3 Page - Microchip Technology

  24C01A-ESL Datasheet HTML 1Page - Microchip Technology 24C01A-ESL Datasheet HTML 2Page - Microchip Technology 24C01A-ESL Datasheet HTML 3Page - Microchip Technology 24C01A-ESL Datasheet HTML 4Page - Microchip Technology 24C01A-ESL Datasheet HTML 5Page - Microchip Technology 24C01A-ESL Datasheet HTML 6Page - Microchip Technology 24C01A-ESL Datasheet HTML 7Page - Microchip Technology 24C01A-ESL Datasheet HTML 8Page - Microchip Technology 24C01A-ESL Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 1996 Microchip Technology Inc.
DS11183D-page 3
24C01A/02A/04A
TABLE 1-3:
AC CHARACTERISTICS
FIGURE 1-2:
BUS TIMING DATA
Parameter
Symbol
Min.
Typ
Max.
Units
Remarks
Clock frequency
FCLK
100
kHz
Clock high time
THIGH
4000
ns
Clock low time
TLOW
4700
ns
SDA and SCL rise time
TR
1000
ns
SDA and SCL fall time
TF
300
ns
START condition hold time
THD:STA
4000
ns
After this period the first
clock pulse is generated
START condition setup time
TSU:STA
4700
ns
Only relevant for repeated
START condition
Data input hold time
THD:DAT
0—
ns
Data input setup time
TSU:DAT
250
ns
Data output delay time
TAA
300
3500
(Note 1)
STOP condition setup time
TSU:STO
4700
ns
Bus free time
TBUF
4700
ns
Time the bus must be free
before a new transmission
can start
Input filter time constant
(SDA and SCL pins)
TI
100
ns
Program cycle time
TWC
.4
1
ms
Byte mode
.4N
N
ms
Page mode, N=# of bytes
Endurance
1M
cycles
25
°C, Vcc = 5.0V, Block
Mode (Note 2)
Note 1: As transmitter the device must provide this internal minimum delay time to bridge the undefined region (min-
imum 300 ns) of the falling edge of SCL to avoid unintended generation of START or STOP conditions.
2: This parameter is not tested but guaranteed by characterization. For endurance estimates in a specific appli-
cation, please consult the Total Endurance Model which can be obtained on our BBS or website.
TSU:STA
TF
TLOW
THIGH
TR
THD:DAT
TSU:DAT
TSU:STO
THD:STA
TBUF
TAA
TAA
TSP
THD:STA
SCL
SDA
IN
SDA
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com