Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C01A-ESL Datasheet(PDF) 11 Page - Microchip Technology

Part # 24C01A-ESL
Description  1K/2K/4K 5.0V I 2 C O Serial EEPROMs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C01A-ESL Datasheet(HTML) 11 Page - Microchip Technology

Back Button 24C01A-ESL Datasheet HTML 4Page - Microchip Technology 24C01A-ESL Datasheet HTML 5Page - Microchip Technology 24C01A-ESL Datasheet HTML 6Page - Microchip Technology 24C01A-ESL Datasheet HTML 7Page - Microchip Technology 24C01A-ESL Datasheet HTML 8Page - Microchip Technology 24C01A-ESL Datasheet HTML 9Page - Microchip Technology 24C01A-ESL Datasheet HTML 10Page - Microchip Technology 24C01A-ESL Datasheet HTML 11Page - Microchip Technology 24C01A-ESL Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
24C01A/02A/04A
© 1996 Microchip Technology Inc.
DS11183D-page 11
24C01A/02A/04A Product Identification System
To order or to obtain information, e.g., on pricing or delivery, please use the listed part numbers, and refer to the factory or the listed
sales offices.
Package:
P = Plastic DIP
SN = Plastic SOIC (150 mil Body), 8-lead
SM = Plastic SOIC (207 mil Body), 8-lead
SL = Plastic SOIC (150 mil Body), 14-lead, 24C04A only
Temperature
Blank = 0
°C to +70°C
Range:
I = -40
°C to +85°C
E = -40
°C to +125°C
Device:
24C01A
1K I2C Serial EEPROM
24C01AT
1K I2C Serial EEPROM (Tape and Reel)
24C02A
2K I2C Serial EEPROM
24C02AT
2K I2C Serial EEPROM (Tape and Reel)
24C04A
4K I2C Serial EEPROM
24C04AT
4K I2C Serial EEPROM (Tape and Reel)
24C01A/02A/04A
-
/P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com