Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35500AFP Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M35500AFP
Description  FLD(VFD) CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35500AFP Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button M35500AFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
MITSUBISHI <DIGITAL ASSP>
M35500AFP/BGP
FLD(VFD) CONTROLLER
FLD DISPLAY TIMING
Fig. 7. FLD display timing diagram
Toff
Tdisp
Digit
Segment
Tdisp = 384
µs
(oscillation frequency f(X IN) = 4.0 MHz)
Toff= 264
µs ( 5/16 ! Tdisp)
240
µs ( 6/16 ! Tdisp)
48
µs (14/16 ! Tdisp)
24
µs (15/16 ! Tdisp)
G n
G n-1
G 1
Segment
output
Tdisp
Tscan = 0ns
PORT
P7
P6
P5
P4
P3
P2
P1
P0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
DIG
DIG17
DIG16
DIG15
DIG14
DIG13
DIG12
DIG11
DIG10
DIG9
DIG8
DIG7
DIG6
DIG5
DIG4
DIG3
DIG2
DIG1
DIG0
SEG
SEG0
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
SEG8
SEG9
SEG10
SEG11
SEG12
SEG13
SEG14
SEG15
SEG16
SEG17
S1
S2
S3
S4
S5
S6
S7
S8
G7
G6
G5
G4
G3
G2
G1
S1
S2
S3
S4
S5
S6
S7
S8
G10
G9
G8
G7
G6
G5
G4
G3
G2
G1
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10
S11
S12
S13
S14
S15
S16
G10
G9
G8
G7
G6
G5
G4
G3
G2
G1
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10
S11
S12
S13
S14
S15
S16
S17
S18
G7
G6
G5
G4
G3
G2
G1
Grid
: 7
Segment : 8
Grid
: 10
Segment : 8
Grid
: 10
Segment : 16
Grid
: 7
Segment : 18
Fig. 8. Segment/Digit setting example
SEGMENT/DIGIT SETTING EXAMPLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com