Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35500AFP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M35500AFP
Description  FLD(VFD) CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35500AFP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M35500AFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35500AFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
MITSUBISHI <DIGITAL ASSP>
M35500AFP/BGP
FLD(VFD) CONTROLLER
DESCRIPTION/FEATURES
• High-breakdown-voltage output port ......................................... 26
• Segment output ............................................ 8 to 18
• Digit output ................................................... 7 to 10
(Ports P0 to P7 are also used as ordinary output ports)
• Output breakdown .................................. Vcc – 45 V
• Output current .................. –18 mA (DIG0 to DIG17),
–7 mA (SEG0 to SEG7)
• Pull-down resistor ........................................ build-in
• Dimmer switch ............................................ 4 levels
• A-D converter ................................................... 8-bit ! 6 channels
• Absolute accuracy ....................................... ±3 LSB
PIN CONFIGURATION (TOP VIEW)
• Serial I/O ..................................... 4 (CS controller, external clock)
• Noise filter .................................................... build-in
(in serial input pin and clock pin, 2 MHz sampling)
• FLD display data ............................................. input
• A-D conversion data ..................................... output
• Command ....................................................... input
• Package ................................................................. 44P6N/44P6X
• Oscillating circuit ........... RC oscillating cirucit (external capacitor)
• Oscillating frequency ..................................... 4 MHz
• Power source voltage .................................................. 4.0 to 5.5 V
Fig. 1. Pin configuration of M35500AFP/BGP
Package type: 44P6N-A/44P6X
22
M35500AFP
M35500BGP
DIG16/SEG9
DIG17/SEG8
SEG7
SEG6
SEG5
SEG4
SEG3
SEG2
SEG1
SEG0
VDD
34
35
36
37
38
39
40
41
42
43
44
DIG4/P4
DIG3/P3
DIG2/P2
DIG1/P1
DIG0/P0
VEE
VEE
SCLK
SOUT
SIN
CS
21
20
19
18
17
16
15
14
13
12


Similar Part No. - M35500AFP

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
M3550 PETERMANN-M3550 Datasheet
133Kb / 3P
HIGH RELIABILITY FOR LOW COST
logo
Mitsubishi Electric Sem...
M35501FP MITSUBISHI-M35501FP Datasheet
141Kb / 14P
FLD(VFD) DIGIT EXPANDER
M35502AFP MITSUBISHI-M35502AFP Datasheet
218Kb / 16P
FLD CONTROLLER?
More results

Similar Description - M35500AFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M35501FP MITSUBISHI-M35501FP Datasheet
141Kb / 14P
FLD(VFD) DIGIT EXPANDER
M35502AFP MITSUBISHI-M35502AFP Datasheet
218Kb / 16P
FLD CONTROLLER?
logo
New Japan Radio
NJU3421A NJRC-NJU3421A Datasheet
399Kb / 13P
VFD CONTROLLER DRIVER
logo
SamHop Microelectronics...
SM16312 SAMHOP-SM16312 Datasheet
49Kb / 7P
VFD CONTROLLER /DRIVER
logo
ELAN Microelectronics C...
EPVP6200 EMC-EPVP6200 Datasheet
442Kb / 57P
VFD Controller
EPVP6300 EMC-EPVP6300 Datasheet
517Kb / 63P
VFD Controller
EPVP6800 EMC-EPVP6800 Datasheet
325Kb / 47P
VFD Controller
EPVP6810 EMC-EPVP6810 Datasheet
343Kb / 50P
VFD Controller
logo
SamHop Microelectronics...
SM6311 SAMHOP-SM6311 Datasheet
116Kb / 11P
VFD CONTROLLER / DRIVER
logo
Silan Microelectronics ...
SC16315 SILAN-SC16315 Datasheet
556Kb / 11P
VFD CONTROLLER/DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com