Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C16 Datasheet(PDF) 1 Page - Microchip Technology

Part # 24C16
Description  8K/16K 5.0V SPI Bus Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C16 Datasheet(HTML) 1 Page - Microchip Technology

  24C16 Datasheet HTML 1Page - Microchip Technology 24C16 Datasheet HTML 2Page - Microchip Technology 24C16 Datasheet HTML 3Page - Microchip Technology 24C16 Datasheet HTML 4Page - Microchip Technology 24C16 Datasheet HTML 5Page - Microchip Technology 24C16 Datasheet HTML 6Page - Microchip Technology 24C16 Datasheet HTML 7Page - Microchip Technology 24C16 Datasheet HTML 8Page - Microchip Technology 24C16 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS21147F-page 1
FEATURES
• SPI modes 0,0 and 1,1
• 3 MHz Clock Rate
• Single 5V supply
• Low Power CMOS Technology
- Max Write Current: 5 mA
- Read Current: 1.0 mA
- Standby Current: 1
µA typical
• Organization
- 1024 x 8 for 25C080
- 2048 x 8 for 25C160
• 16 Byte Page
• Self-timed ERASE and WRITE Cycles
• Sequential Read
• Block Write Protection
- Protect none, 1/4, 1/2, or all of Array
• Built-in Write Protection
- Power On/Off Data Protection Circuitry
- Write Latch
- Write Protect Pin
• High Reliability
- Endurance: 10M cycles (guaranteed)
- Data Retention: >200 years
- ESD protection: >4000 V
• 8-pin PDIP/SOIC Packages
• Temperature ranges supported
DESCRIPTION
The Microchip Technology Inc. 25C080/160 are 8K and
16K bit Serial Electrically Erasable PROMs. The mem-
ory is accessed via a simple Serial Peripheral Interface
(SPI) compatible serial bus. The bus signals required
are a clock input (SCK) plus separate data in (SI) and
data out (SO) lines. Access to the device is controlled
through a chip select (CS) input, allowing any number
of devices to share the same bus.
There are two other inputs that provide the end user
with additional flexibility. Communication to the device
can be paused via the hold pin (HOLD). While the
device is paused, transitions on its inputs will be
ignored, with the exception of chip select, allowing the
host to service higher priority interrupts. Also write
operations to the Status Register can be disabled via
the write protect pin (WP).
- Commercial (C):
0
°C to
+70
°C
- Industrial (I):
-40
°C to
+85
°C
- Automotive (E):
-40˚C to +125˚C
PACKAGE TYPES
BLOCK DIAGRAM
CS
SO
WP
VSS
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
CS
SO
WP
VSS
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
PDIP
SOIC
SI
SO
SCK
CS
HOLD
WP
Status
Register
I/O Control
Memory
Control
Logic
X
Dec
HV Generator
EEPROM
Array
Page Latches
Y Decoder
Sense Amp.
R/W Control
Logic
Vcc
Vss
25C080/160
8K/16K 5.0V SPI™ Bus Serial EEPROM
SPI is a trademark of Motorola.
This document was created with FrameMaker404


Similar Part No. - 24C16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
24C16 STMICROELECTRONICS-24C16 Datasheet
126Kb / 17P
16 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
Feb-1999
logo
Fairchild Semiconductor
24C16 FAIRCHILD-24C16 Datasheet
102Kb / 14P
16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
logo
ATMEL Corporation
24C16 ATMEL-24C16 Datasheet
260Kb / 24P
2-Wire Serial EEPROM
24C16 ATMEL-24C16 Datasheet
188Kb / 11P
2-Wire Serial EEPROM
logo
Integrated Silicon Solu...
24C16 ISSI-24C16 Datasheet
85Kb / 13P
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - 24C16

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA080 MICROCHIP-25AA080 Datasheet
92Kb / 12P
8K/16K 1.8V SPI Bus Serial EEPROM
1996
25LC080 MICROCHIP-25LC080 Datasheet
86Kb / 12P
8K/16K 2.5V SPI O Bus Serial EEPROM
1996
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
8K/16K 5.0V Microwire Serial EEPROM
1996
logo
Catalyst Semiconductor
CAT25C08 CATALYST-CAT25C08_06 Datasheet
950Kb / 16P
8K/16K SPI Serial CMOS EEPROM
logo
Microchip Technology
93C76 MICROCHIP-93C76_04 Datasheet
268Kb / 20P
8K/16K 5.0V Microwire Serial EEPROM
2004
25LC160A MICROCHIP-25LC160A_06 Datasheet
441Kb / 24P
16K SPI Bus Serial EEPROM
2006
25AA160C MICROCHIP-25AA160C Datasheet
508Kb / 30P
16K SPI Bus Serial EEPROM
2009
25AA160 MICROCHIP-25AA160_13 Datasheet
327Kb / 22P
16K SPI Bus Serial EEPROM
10/26/12
93C76 MICROCHIP-93C76_13 Datasheet
214Kb / 20P
8K/16K 5.0V Microwire Serial EEPROM
10/26/12
25C160 MICROCHIP-25C160 Datasheet
241Kb / 22P
16K SPI Bus Serial EEPROM
07/12/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com