Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # ST
Description  POLYMER MULTI-LAYER CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

ST Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  ST_15 Datasheet HTML 1Page - RUBYCON CORPORATION ST_15 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Frequency
(kHz)
Frequency
(kHz)
Frequency
(kHz)
226
106
475
105
224
475
105
106
105
POLYMER MULTI-LAYER CAPACITORS
◆SPECIFICATIONS
◆PERMISSIBLE CURRENT FOR FREQUENCY
125℃ Standard
◆FEATURES
・Surface-mounted device.
・Lead free reflow soldering is available.
・RoHS compliance.
◆CAUTION
 ST series shall be used in only reflow method. Do not use in flow, dipping, and VPS soldering method.
 Please storage in moisture proof bag with dry silica-gel after opening the moisture proof bag. Please ask for detail.
SERIES
ST
Items
Characteristics
−55∼+125℃
16∼63Vdc
100Vdc
0.047∼22μF
(473∼226)
   E6 series
0.001∼0.1μF
(102∼104)
   E6 series
1.5% or less(1kHz±20%, 5Vrms or less)
Nothing abnormal shall be found, when applying 150% of the rated voltage for 1minute
or 175% of the rated voltage for 1 second to 5 seconds.
C≦0.1μF:3000MΩor more (After 1 minute application of rated voltage)
C>0.1μF:300MΩ・μF or more (After 1 minute application of rated voltage)
1000MΩ or more (After 1 minute application of rated voltage)
±10%
(K)
, ±20%
(M)
Category Temperature Range
Rated Voltage Range
Capacitance Range
Capacitance Tolerance
(tanδ)
Dissipation Factor
Voltage Proof
Insulation Resistance
ST
□□□
□□□
□□□
□□□□
□□
□
ST
◆PART NUMBER
Rated Voltage
Capacitance
Option
Capacitance
Tolerance
Series
TP code
16Vdc
25Vdc
35Vdc
50Vdc
63Vdc
100Vdc
16
25
35
50
63
100
Code
Rated Voltage
3.2×1.6mm
3.2×2.5mm
4.5×3.2mm
5.7×5.0mm
3216
3225
4532
5750
Code
Chip Size
0.001μF
0.047μF
0.68μF
3.3μF
10μF
22μF
102
473
684
335
106
226
Code
Capacitance
±10%
K
±20%
M
Code
Tolerance
Chip Size
16Vdc
35Vdc
50Vdc


Similar Part No. - ST_15

ManufacturerPart #DatasheetDescription
logo
AG Electronica
ST-15 AGELECTRONICA-ST-15 Datasheet
477Kb / 1P
PINZA DE PRECISION PUTIAGUDA Y CURVA
18/07/2019
logo
Infinite Electronics In...
ST0150 FAIRVIEW-ST0150 Datasheet
480Kb / 4P
Feed-Thru Load 2 Watts To 1,000 MHz Tri-Metal Plat­ ed Brass BNC Male
REV 2.0
ST0150A FAIRVIEW-ST0150A Datasheet
540Kb / 3P
Feed-Thru Load 2 Watts To 1,000 MHz Tri-Metal Plat­ ed Brass BNC Male
REV 1.0
logo
Honeywell Solid State E...
ST015BG1SPGF HONEYWELL-ST015BG1SPGF Datasheet
220Kb / 4P
Amplified output whicheliminates the cost of external amplifiers
ST015PG1SPGF HONEYWELL-ST015PG1SPGF Datasheet
220Kb / 4P
Amplified output whicheliminates the cost of external amplifiers
More results

Similar Description - ST_15

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MU RUBYCON-MU Datasheet
200Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
16ST335MB33225 RUBYCON-16ST335MB33225 Datasheet
169Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
16MU224MZ22012 RUBYCON-16MU224MZ22012 Datasheet
198Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
16MU225MB23225 RUBYCON-16MU225MB23225 Datasheet
198Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
35MU684MA23216 RUBYCON-35MU684MA23216 Datasheet
198Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
35ST474M3216X RUBYCON-35ST474M3216X Datasheet
169Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
50MU224MA13216 RUBYCON-50MU224MA13216 Datasheet
198Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
50MU474MB13225 RUBYCON-50MU474MB13225 Datasheet
198Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
50ST335MD15750 RUBYCON-50ST335MD15750 Datasheet
169Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
50ST684MB23225 RUBYCON-50ST684MB23225 Datasheet
169Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com