Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # ST
Description  POLYMER MULTI-LAYER CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

ST Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  ST_15 Datasheet HTML 1Page - RUBYCON CORPORATION ST_15 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Size Code Conversion
POLYMER MULTI-LAYER CAPACITORS
◆DIMENSIONS
W±0.3
H±0.2
L±0.3
ST
□:Tolerance
16
25
35
50
63
◆STANDARD SIZE
Rated Voltage
(Vdc)
Capacitance
(μF)
Part No.
Size
L
(mm)
W
(mm)
H
(mm)
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
0.68
1.0
1.5
2.2
3.3
4.7
6.8
10
15
0.47
0.68
1.0
1.5
2.2
3.3
4.7
6.8
10
0.10
0.15
0.22
0.33
0.47
0.68
1.0
1.5
2.2
3.3
4.7
3.2
3.2
3.2
3.2
4.5
4.5
4.5
5.7
5.7
3.2
3.2
3.2
3.2
4.5
4.5
4.5
5.7
5.7
3.2
3.2
3.2
3.2
4.5
4.5
4.5
5.7
5.7
3.2
3.2
3.2
3.2
3.2
3.2
4.5
4.5
4.5
5.7
5.7
1.6
1.6
2.5
2.5
3.2
3.2
3.2
5.0
5.0
1.6
1.6
2.5
2.5
3.2
3.2
3.2
5.0
5.0
1.6
1.6
2.5
2.5
3.2
3.2
3.2
5.0
5.0
1.6
1.6
1.6
1.6
2.5
2.5
3.2
3.2
3.2
5.0
5.0
1.4
1.4
1.8
2.0
1.4
1.8
2.6
1.8
2.6
1.4
1.4
2.0
1.8
1.4
1.8
2.6
1.8
2.6
1.0
1.4
1.4
2.0
1.4
1.8
2.6
1.8
2.6
1.0
1.0
1.0
1.4
1.4
1.8
1.4
1.8
2.6
1.8
2.6
mm
inch
3216
3225
4532
5750
1206
1210
1812
2220
0.5±0.3
Outer Electrode
16ST105□A23216
16ST155□A23216
16ST225□B23225
16ST335□B33225
16ST475□C14532
16ST685□C24532
16ST106□C44532
16ST156□D15750
16ST226□D35750
25ST684□A23216
25ST105□A23216
25ST155□B33225
25ST225□B23225
25ST335□C14532
25ST475□C24532
25ST685□C44532
25ST106□D15750
25ST156□D35750
35ST474□A13216
35ST684□A23216
35ST105□B13225
35ST155□B33225
35ST225□C14532
35ST335□C24532
35ST475□C44532
35ST685□D15750
35ST106□D35750
50ST104□A13216
50ST154□A13216
50ST224□A13216
50ST334□A23216
50ST474□B13225
50ST684□B23225
50ST105□C14532
50ST155□C24532
50ST225□C44532
50ST335□D15750
50ST475□D35750
100
Rated Voltage
(Vdc)
Capacitance
(μF)
Part No.
Size
L
(mm)
W
(mm)
H
(mm)
0.047
0.068
0.10
0.15
0.22
0.33
0.47
0.68
1.0
1.5
2.2
3.3
0.0010
0.0015
0.0022
0.0033
0.0047
0.0068
0.010
0.015
0.022
0.033
0.047
0.068
0.10
3.2
3.2
3.2
3.2
3.2
3.2
3.2
4.5
4.5
4.5
5.7
5.7
3.2
3.2
3.2
3.2
3.2
3.2
3.2
3.2
3.2
3.2
3.2
3.2
3.2
1.6
1.6
1.6
1.6
1.6
2.5
2.5
3.2
3.2
3.2
5.0
5.0
1.6
1.6
1.6
1.6
1.6
1.6
1.6
1.6
1.6
1.6
1.6
2.5
2.5
1.0
1.0
1.0
1.0
1.4
1.4
1.8
1.4
1.8
2.6
1.8
2.6
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.4
1.4
1.8
63ST473□A13216
63ST683□A13216
63ST104□A13216
63ST154□A13216
63ST224□A23216
63ST334□B13225
63ST474□B23225
63ST684□C14532
63ST105□C24532
63ST155□C44532
63ST225□D15750
63ST335□D35750
100ST102□A13216
100ST152□A13216
100ST222□A13216
100ST332□A13216
100ST472□A13216
100ST682□A13216
100ST103□A13216
100ST153□A13216
100ST223□A13216
100ST333□A13216
100ST473□A23216
100ST683□B13225
100ST104□B23225
(mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com