Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93C56 Datasheet(PDF) 1 Page - Microchip Technology

Part # 93C56
Description  2K 5.0V Automotive Temperature Microwire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C56 Datasheet(HTML) 1 Page - Microchip Technology

  93C56 Datasheet HTML 1Page - Microchip Technology 93C56 Datasheet HTML 2Page - Microchip Technology 93C56 Datasheet HTML 3Page - Microchip Technology 93C56 Datasheet HTML 4Page - Microchip Technology 93C56 Datasheet HTML 5Page - Microchip Technology 93C56 Datasheet HTML 6Page - Microchip Technology 93C56 Datasheet HTML 7Page - Microchip Technology 93C56 Datasheet HTML 8Page - Microchip Technology 93C56 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS21206B-page 1
M
93C56A/B
FEATURES
• Single supply 5.0V operation
• Low power CMOS technology
- 1 mA active current (typical)
-1
µA standby current (maximum)
• 256 x 8 bit organization (93C56A)
• 128 x 16 bit organization (93C56B)
• Self-timed ERASE and WRITE cycles (including
auto-erase)
• Automatic ERAL before WRAL
• Power on/off data protection circuitry
• Industry standard 3-wire serial interface
• Device status signal during ERASE/WRITE
cycles
• Sequential READ function
• 100,000 E/W cycles guaranteed
• Data retention > 200 years
• 8-pin PDIP and SOIC packages
• Available for the following temperature ranges:
DESCRIPTION
The Microchip Technology Inc. 93C56A/B is a 2K-bit,
low-voltage serial Electrically Erasable PROM. The
device memory is configured as 256 x 8 bits (93C56A)
or 128 x 16 bits (93C56B). Advanced CMOS technol-
ogy makes this device ideal for low-power, nonvolatile
memory applications. The 93C56A/B is available in
standard 8-pin DIP and surface mount SOIC packages.
This device is only recommeded for 5V automotive
temperature applications. For all commercial and
industrial applications, the 93LC56A/B is recom-
mended.
PACKAGE TYPE
BLOCK DIAGRAM
- Automotive (E):
-40
°C to +125°C
CS
CLK
DI
DO
1
2
3
4
8
7
6
5
VCC
NC
NC
VSS
CS
CLK
DI
DO
VCC
NC
NC
VSS
SOIC
1
2
3
4
PDIP
8
7
6
5
VCC
VSS
DI
CS
CLK
DO
MEMORY
ARRAY
ADDRESS
DECODER
ADDRESS
COUNTER
DATA
REGISTER
OUTPUT
BUFFER
MEMORY
DECODE
LOGIC
CLOCK
GENERATOR
2K 5.0V Automotive Temperature Microwire® Serial EEPROM
Microwire is a registered trademark of National Semiconductor.


Similar Part No. - 93C56

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
93C56 NSC-93C56 Datasheet
290Kb / 8P
Electrically Erasable Programmable Memories
logo
STMicroelectronics
93C56 STMICROELECTRONICS-93C56 Datasheet
436Kb / 27P
16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
31-Jul-2007
93C56 STMICROELECTRONICS-93C56 Datasheet
108Kb / 13P
2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
logo
ATMEL Corporation
93C56 ATMEL-93C56 Datasheet
154Kb / 15P
3-Wire Serial EEPROMs
logo
Microchip Technology
93C56 MICROCHIP-93C56 Datasheet
590Kb / 9P
2K/4K 5.0V CMOS Serial EEPROM
More results

Similar Description - 93C56

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93C46B MICROCHIP-93C46B Datasheet
180Kb / 12P
1K 5.0V Microwire Serial EEPROM
1997
93C66A MICROCHIP-93C66A Datasheet
253Kb / 12P
4K 5.0V Automotive Temperature Microwire Serial EEPROM
1998
logo
Catalyst Semiconductor
93C57 CATALYST-93C57 Datasheet
406Kb / 9P
2K-Bit Microwire Serial EEPROM
logo
Microchip Technology
93AA56A MICROCHIP-93AA56A Datasheet
388Kb / 24P
2K Microwire Compatible Serial EEPROM
2003
logo
Catalyst Semiconductor
CAT93C56 CATALYST-CAT93C56_06 Datasheet
411Kb / 9P
2K-Bit Microwire Serial EEPROM
logo
Microchip Technology
93AA56A MICROCHIP-93AA56A_07 Datasheet
487Kb / 28P
2K Microwire Compatible Serial EEPROM
2007
59C11 MICROCHIP-59C11 Datasheet
104Kb / 12P
1K 5.0V Microwire Serial EEPROM
1996
24C02C-ISN MICROCHIP-24C02C-ISN Datasheet
523Kb / 30P
2K 5.0V I2C??Serial EEPROM
2008
24C02CT MICROCHIP-24C02CT Datasheet
624Kb / 28P
2K 5.0V I2C Serial EEPROM
01/02/08
93LC56BT-I MICROCHIP-93LC56BT-I Datasheet
474Kb / 30P
2K Microwire Compatible Serial EEPROM
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com